10VP-560-R
AI

The **10VP-560-R** is a specific electronic component, typically categorized as a **Through-Hole Radial Aluminum Electrolytic Capacitor**. These components are widely used in power supplies and audio equipment for filtering, buffering, and energy storage.
---
## 1. Technical Specifications
Below are the primary electrical and physical characteristics of the 10VP-560-R:
| Parameter | Value / Specification |
| :--- | :--- |
| **Capacitance** | 560 µF (Microfarads) |
| **Voltage Rating** | 10V DC |
| **Tolerance** | ±20% |
| **Mounting Type** | Through-Hole (Radial Leads) |
| **Operating Temperature** | Usually -40°C to +105°C |
| **Termination** | Radial Lead (Both leads exit from one end) |
| **RoHS Status** | Compliant (Indicated by the "-R" suffix) |
---
## 2. Key Features
* **Form Factor:** The "Radial" design means the leads are parallel and protrude from the bottom, making it suitable for vertical mounting on Printed Circuit Boards (PCBs).
* **Low ESR (Equivalent Series Resistance):** Capacitors in this series are often designed to handle high ripple currents with minimal heat generation.
* **Polarized:** This is a polarized component. It must be installed with the correct orientation (positive and negative terminals) to avoid failure or explosion.
* **Compliance:** The **-R** suffix typically denotes compliance with **RoHS** (Restriction of Hazardous Substances) standards, meaning it is lead-free.
---
## 3. Common Applications
The 10VP-560-R is commonly found in the following circuits:
1. **Power Supply Filtering:** Smoothing out voltage fluctuations in low-voltage DC power lines (e.g., 5V or 3.3V rails).
2. **Decoupling:** Providing a local energy reservoir for integrated circuits (ICs) to prevent voltage drops during high current demands.
3. **Consumer Electronics:** Used in motherboards, routers, and power adapters where space and stability are required.
4. **Audio Circuits:** Used for DC blocking or coupling in low-voltage signal paths.
---
## 4. Identification and Markings
When looking at the physical part, you will notice:
* **Polarity Stripe:** A light-colored stripe (usually with minus signs `-`) on the side of the casing indicates the **Negative** lead.
* **Lead Length:** On new components, the **longer lead** is the **Positive** (Anode) terminal.
---
- ⤷What is the physical size/dimensions of the 10VP-560-R?
- ⤷ Can this capacitor be used in a 12V circuit?
- ⤷ What are the common manufacturers for this specific part number?