10VP-760-R
AI

The **10VP-760-R** is a specific electronic component, typically categorized as a high-performance **radial leaded metal oxide varistor (MOV)** or a specialized power resistor, depending on the manufacturer's series (commonly associated with brands like Eaton/Bussmann or specialized industrial suppliers).
Below is a detailed breakdown of its characteristics, specifications, and applications.
---
## 1. Component Overview
The "10VP" series usually denotes a Varistor protected device designed to suppress voltage transients (surges). These are critical for protecting sensitive electronics from lightning strikes, switching surges, or ESD.
### Key Specifications
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Series** | 10VP (High Surge Radial) |
| **Max Continuous Operating Voltage** | ~480V to 760V (Model dependent) |
| **Varistor Voltage** | 760V (The "760" in the part number) |
| **Energy Rating (Joules)** | High energy absorption capacity |
| **Mounting Type** | Through-hole (Radial Leads) |
| **RoHS Status** | Compliant (Indicated by the "-R" suffix) |
---
## 2. Technical Features
* **Voltage Clamping:** The device remains at high impedance during normal operation but drops to low impedance when a voltage spike exceeds 760V, shunting the excess current to ground.
* **Fast Response Time:** Typically reacts to transients in less than 25 nanoseconds.
* **Thermal Protection:** Many "VP" series parts include internal thermal elements to prevent "thermal runaway" if the device is subjected to a sustained overvoltage.
* **Lead-Free Construction:** The **-R** suffix confirms the part meets environmental standards for lead-free solder and hazardous substance restrictions.
---
## 3. Common Applications
These parts are found in robust industrial and consumer power environments:
1. **Power Supplies (SMPS):** Used on the input AC line to prevent spikes from damaging the internal rectifier or MOSFETs.
2. **Industrial Controls:** Protecting PLCs (Programmable Logic Controllers) and motor drives from inductive kickback.
3. **Telecommunications:** Shielding line cards from atmospheric disturbances.
4. **Consumer Electronics:** Found in high-end surge protectors and power strips.
---
## 4. Part Number Breakdown
Understanding the nomenclature helps in sourcing replacements:
* **10**: Often refers to the disk diameter (e.g., 10mm).
* **VP**: Product series (Varistor Protected / High Surge).
* **760**: The voltage threshold or peak operating voltage (760 Volts).
* **-R**: RoHS Compliant (Lead-free).
---
- ⤷What are the specific clamping voltage limits for the 10VP-760-R?
- ⤷ How does a Varistor differ from a TVS Diode in circuit protection?
- ⤷ What are the common failure modes for this type of electronic component?