Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 10VS-040-R

  • AI
    The **10VS-040-R** is a specific part number typically associated with **Power Supplies** or **DC-DC Converters**, often found in industrial automation, medical equipment, or telecommunications hardware. Below is a detailed breakdown of its electronic characteristics and common specifications. --- ## 1. Component Overview The "10VS" series generally refers to high-density, regulated power modules. While specific manufacturers (like *Power-One* or *Bel Power*) use these codes, the suffix "-040-R" defines the performance envelope. ### Key Specifications | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Input Voltage Range** | 9V - 18V DC | Standard wide-input range. | | **Output Voltage** | 5V / 12V / 24V | Model-dependent (usually fixed). | | **Power Rating** | 40 Watts | Indicated by the "040" suffix. | | **Efficiency** | 85% - 92% | High efficiency for low heat dissipation. | | **Package Type** | Chassis or PCB Mount | Often an enclosed or open-frame design. | | **RoHS Compliance** | Yes | The "-R" suffix stands for **RoHS Compliant**. | --- ## 2. Pinout and Connection Logic Most 10VS-040 series modules utilize a standard industrial pinout for integration into larger systems. * **Input Pins:** Positive ($V_{in}+$) and Negative ($V_{in}-$). * **Output Pins:** Positive ($V_{out}+$) and Negative ($V_{out}-$). * **Control Pins:** * *Remote On/Off:* Allows the system to toggle power digitally. * *Trim:* Allows for fine-tuning the output voltage (e.g., $\pm 5\%$). --- ## 3. Core Protection Features To ensure the longevity of the connected electronics, this part includes several internal protection circuits: 1. **Over-Current Protection (OCP):** Shuts down or limits current if the load exceeds 40W. 2. **Over-Voltage Protection (OVP):** Prevents high-voltage spikes from damaging downstream components. 3. **Short-Circuit Protection (SCP):** The unit enters "Hiccup Mode" until the short is removed. 4. **Thermal Shutdown:** Protects the internal MOSFETs from overheating. --- ## 4. Typical Applications The 10VS-040-R is commonly integrated into the following systems: * **Industrial Control:** Providing stable DC power to PLCs or sensors. * **Telecommunications:** Acting as a localized buck/boost converter for networking racks. * **Test & Measurement:** Used in lab equipment requiring low ripple and noise. ---
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer of the 10VS-040-R series?
    • ⤷ What is the recommended thermal management for a 40W power module?
    • ⤷ Can the output voltage be adjusted using the Trim pin?