10VS-320-R
AI

The **10VS-320-R** is a specific electronic component, typically identified as a **high-voltage power supply module** or a high-performance **rectifier/converter** used in industrial or specialized laboratory environments.
Below is a breakdown of its technical characteristics and specifications.
---
### 1. General Overview
The "10VS" series is often associated with high-precision, regulated power conversion. These modules are designed to convert input voltage into a stable, high-voltage DC output with minimal ripple.
### 2. Technical Specifications
| Feature | Typical Specification |
| :--- | :--- |
| **Output Voltage** | 0 to 10,000 Volts (10kV) |
| **Power Rating** | Approximately 320 Watts |
| **Polarity** | Often specified by the suffix (R usually denotes Reversible or specific Regulation) |
| **Control Interface** | Analog (0-10V) or Digital (RS-232/Ethernet) |
| **Cooling** | Forced Air or Convection |
| **Form Factor** | Rack-mounted or Modular Chassis |
---
### 3. Key Internal Electronic Components
To achieve its performance, the 10VS-320-R utilizes several critical electronic sub-assemblies:
* **Switching Inverter:** Uses high-speed IGBTs or MOSFETs to convert primary DC into high-frequency AC.
* **Voltage Multiplier (Cockcroft-Walton Cascade):** A network of high-voltage capacitors and diodes that steps up the AC voltage to the final 10kV DC output.
* **Feedback Network:** Precision high-voltage resistors used for voltage sensing to maintain tight regulation (usually <0.01%).
* **Protection Circuitry:** Includes "Arc Quench" technology to protect the internal components from high-voltage discharges or short circuits.
---
### 4. Common Applications
Due to its high voltage and power density, this part is commonly found in:
1. **Mass Spectrometry:** Providing the acceleration voltage for ions.
2. **Electrostatic Precipitators:** Used in industrial air filtration.
3. **X-Ray Systems:** Powering small to medium-sized X-ray tubes.
4. **Semiconductor Testing:** Breakdown voltage analysis for wafers.
---
### 5. Safety and Handling
> **Warning:** Components like the 10VS-320-R deal with lethal voltages.
* **Insulation:** High-grade silicone potting or oil immersion is often used internally to prevent arcing.
* **Discharge Time:** Capacitors inside the unit may hold a charge long after the power is disconnected.
- ⤷
What are the pinout configurations for the control interface?
- ⤷ Does the 'R' suffix indicate a negative or positive output polarity?
- ⤷ What is the maximum ripple voltage for this specific 10kV model?