10VS-AC6-R
AI

The **10VS-AC6-R** is a specific electronic component belonging to the **EMI/RFI Filter** category. These parts are designed to suppress electromagnetic interference on power lines, ensuring that sensitive electronics operate without noise and comply with emission standards.
---
### 1. General Specifications
The 10VS-AC6-R is typically manufactured by companies like **TE Connectivity (Corcom)** or similar power-solution specialists. It is part of a series designed for general-purpose applications.
| Parameter | Description |
| :--- | :--- |
| **Component Type** | RFI Power Line Filter |
| **Current Rating** | 10 Amperes |
| **Voltage Rating** | 120/250 VAC |
| **Operating Frequency** | 50/60 Hz |
| **Termination Style** | Spade Terminals (Faston) / Nut & Bolt |
| **Mounting Type** | Flange Mount (Chassis) |
---
### 2. Key Features
* **High Performance:** Designed to provide significant attenuation for both common mode (line-to-ground) and differential mode (line-to-line) noise.
* **Compact Design:** The "VS" series is often characterized by a smaller footprint compared to industrial-grade filters, making it suitable for internal chassis mounting.
* **Safety Approvals:** Generally carries certifications such as UL recognized, CSA certified, and VDE approved.
---
### 3. Circuit Configuration
Most RFI filters like the 10VS-AC6-R utilize a **multi-stage LC network** (Inductors and Capacitors).
```mermaid
graph LR
A[Line In] --> B[Inductor/Choke]
B --> C[X-Capacitor]
C --> D[Y-Capacitors to Ground]
D --> E[Load Out]
```
* **X-Capacitors:** Handle line-to-line noise.
* **Y-Capacitors:** Handle line-to-ground noise (Leads to some leakage current).
* **Inductors:** Provide high impedance to high-frequency noise.
---
### 4. Typical Applications
This specific 10A filter is commonly found in:
1. **Medical Equipment:** To prevent interference with sensitive monitoring signals.
2. **Industrial Controls:** Protecting PLCs and sensors from power grid noise.
3. **Consumer Electronics:** High-end audio systems or computer power supplies.
4. **Test & Measurement:** Ensuring the power source doesn't introduce artifacts into data.
- ⤷
What is the difference between the VS and VR series filters?
- ⤷ How do I calculate the leakage current for this filter?
- ⤷ Can this filter be used for DC applications?