10VS-HA6-R
AI

## Overview of the 10VS-HA6-R
The **10VS-HA6-R** is a specific electronic component belonging to the **VS series** of high-performance connectors, typically manufactured by **JST (Japan Solderless Terminals)**. It is part of the **Wire-to-Board** connector family, designed for high-density applications requiring secure electrical connections.
---
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Part Number** | 10VS-HA6-R |
| **Number of Circuits** | 10 Positions |
| **Pitch** | 2.0 mm |
| **Connector Type** | Receptacle / Housing |
| **Orientation** | Side Entry / Right Angle (indicated by -R) |
| **Mounting Type** | Through-hole (typically) |
| **Current Rating** | Up to 2A AC/DC |
| **Voltage Rating** | 250V AC/DC |
---
### Detailed Breakdown of the Part Number
1. **10**: Indicates the **number of pins** (circuits). In this case, it is a 10-pin connector.
2. **VS**: Refers to the **Series Name**. The VS series is known for its compact design and locking mechanisms.
3. **HA**: Typically designates the **Housing Material** or specific body style (High-density Application).
4. **6**: Often refers to a specific **Color code** (Natural/White) or a design iteration.
5. **R**: Indicates the **Orientation**. In the context of JST VS connectors, "R" usually stands for **Right Angle** or Side-Entry mounting on the PCB.
---
### Mechanical & Material Properties
* **Housing Material:** Usually made of Polyamide (Nylon), which provides excellent insulation and heat resistance during soldering.
* **Locking Mechanism:** These connectors often feature a "friction lock" or a "positive lock" to prevent accidental disconnection caused by vibration or pulling.
* **Operating Temperature:** Typically ranges from **-25°C to +85°C**, making it suitable for industrial and consumer electronics.
### Common Applications
The 10VS-HA6-R is widely used in sectors where space is limited but reliability is paramount:
* **Consumer Electronics:** TV internal wiring, gaming consoles.
* **Industrial:** Control panels, sensor interfaces.
* **Office Equipment:** Printers and photocopiers.
---
### Typical Mating Components
To complete the circuit, this housing is paired with:
* **Contacts (Terminals):** Crimp style terminals (e.g., SVS-01T-P0.5).
* **Header (Male side):** The corresponding 10-pin header soldered to the PCB.
- ⤷
What are the compatible crimp terminals for the 10VS series?
- ⤷ Is there a vertical entry version of this 10-pin connector?
- ⤷ What is the maximum wire gauge (AWG) supported by this series?