10YK-2D0-R
AI

The part number **10YK-2D0-R** typically refers to a high-quality **Fused Silica (Quartz) Window** or optical component, commonly used in laser systems, spectroscopy, and high-temperature industrial applications.
---
### ## Technical Specifications
Below is a breakdown of the typical physical and optical characteristics associated with this specific part series:
| Feature | Specification Details |
| :--- | :--- |
| **Material** | UV Grade Fused Silica (JGS1 or equivalent) |
| **Diameter** | 25.4 mm (approx. 1.0 inch) |
| **Thickness** | 2.0 mm |
| **Surface Quality** | 10-5 or 20-10 Scratch-Dig (High Precision) |
| **Clear Aperture** | > 90% of diameter |
| **Parallelism** | < 30 arc seconds |
| **Coating** | Uncoated (R often denotes "Raw" or "Reflective index standard") |
---
### ### Key Electronic & Physical Attributes
#### 1. Material Properties (Fused Silica)
Unlike standard glass (Soda-Lime), Fused Silica is chosen for its exceptional purity. It offers:
* **Broad Transmission Range:** Highly transparent from the Ultraviolet (UV) spectrum through the Visible and into the Near-Infrared (NIR).
* **Thermal Stability:** Extremely low coefficient of thermal expansion, making it resistant to thermal shock.
* **Chemical Resistance:** High resistance to corrosion and chemical etching.
#### 2. Usage in Electronic Systems
In the context of electronic hardware, this part serves as an **Optical Window**:
* **Sensor Protection:** Acts as a transparent shield for high-sensitivity CMOS or CCD sensors.
* **Laser Windows:** Used as an exit port for laser diodes where beam distortion must be minimized.
* **UV Sterilization:** Because it allows UV-C light to pass through (which standard glass blocks), it is used in electronic disinfection equipment.
#### 3. Part Number Breakdown (General Convention)
* **10:** Often refers to the series or the diameter (1.0 inch).
* **YK:** Manufacturer-specific code for Fused Silica material type.
* **2D0:** Indicates the thickness (2.0mm).
* **R:** Usually indicates the shape (Round) or the coating state.
---
### ### Applications
* **Semiconductor Manufacturing:** Used in photolithography equipment.
* **Medical Electronics:** Optical interfaces for endoscopes or surgical lasers.
* **Environmental Monitoring:** Windows for gas sensors using UV spectroscopy.
- ⤷
What is the transmission percentage of this window in the UV spectrum?
- ⤷ Does this part require a specific mounting frame for high-pressure environments?
- ⤷ Are there AR (Anti-Reflective) coated versions of the 10YK-2D0 series?