Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 10YK-3B0-R

  • AI
    ## Overview of the 10YK-3B0-R The **10YK-3B0-R** is a specific model of an **Aluminum Electrolytic Capacitor**, commonly manufactured by brands like Rubycon (part of the YK series). These are general-purpose, radial-leaded components designed for high-density electronic circuits. --- ### Technical Specifications The alphanumeric code provides specific details regarding its electrical properties and physical dimensions: | Parameter | Specification | | :--- | :--- | | **Capacitance** | 3.3 µF (Microfarads) | | **Voltage Rating** | 10V DC | | **Series** | YK (General Purpose, 85°C) | | **Tolerance** | ±20% (Standard) | | **Temperature Range** | -40°C to +85°C | | **Mounting Type** | Through-Hole (Radial Leads) | | **RoHS Status** | Compliant (Indicated by the '-R' suffix) | --- ### Component Breakdown 1. **Dielectric (Aluminum Oxide):** The component uses an electrolyte and aluminum foil to achieve high capacitance in a small volume. 2. **Polarity:** As an electrolytic capacitor, it is **polarized**. The negative terminal is typically marked with a stripe on the casing, and the shorter lead indicates the cathode (-). 3. **The "YK" Series:** This series is known for being "Standard" grade. It is not designed for extreme high-temperature environments (like the 105°C series) but is highly cost-effective for consumer electronics. 4. **Suffix "-R":** Usually indicates compliance with environmental regulations (Lead-free/RoHS) or specific packaging (Reel/Ammo pack). --- ### Common Applications Because of its low voltage (10V) and small capacitance (3.3µF), this part is typically used in: * **Decoupling:** Filtering out low-frequency noise in digital circuits. * **Coupling:** Blocking DC while allowing AC signals to pass in audio paths. * **Timing Circuits:** Used in simple RC (Resistor-Capacitor) time-delay circuits. * **Power Management:** Smoothing voltage ripples in low-power battery-operated devices. --- ### Usage Precautions ```markdown 1. Polarity: Ensure correct orientation; reverse voltage can cause the component to leak, overheat, or explode. 2. Voltage Margin: Do not exceed 10V. It is best practice to operate at 80% of the rated voltage (8V) for longevity. 3. Heat: Keep away from heat-generating components (like power transistors) as heat dries out the electrolyte. ```
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions (diameter and height) of this capacitor?
    • ⤷ Can I replace a 10V 3.3uF capacitor with a 25V 3.3uF capacitor?
    • ⤷ How does the 'YK' series compare to the 'YXF' low-impedance series?