10YK-4B0-R
AI

The **10YK-4B0-R** is a specific part number typically associated with **Rubycon Corporation**, a leading Japanese manufacturer of high-quality electrolytic capacitors. This specific code identifies a component from the **YK Series**, which are general-purpose aluminum electrolytic capacitors.
---
### 1. Part Number Breakdown
To understand the electronic characteristics of this part, we can decode the alphanumeric string:
| Segment | Meaning | Details |
| :--- | :--- | :--- |
| **10** | Rated Voltage | 10 Volts DC (VDC) |
| **YK** | Series Name | Rubycon YK Series (General Purpose) |
| **4B0** | Capacitance Value | Interpreted as 4.7µF or 47µF depending on vintage (typically 4.7µF in modern coding) |
| **R** | Packaging/Tolerance | Usually denotes "RoHS Compliant" or "Radial" lead style |
---
### 2. Technical Specifications
While exact values can vary slightly by manufacturing year, the standard YK Series follows these general specifications:
* **Type:** Aluminum Electrolytic Capacitor.
* **Operating Temperature Range:** -40°C to +85°C.
* **Capacitance Tolerance:** ±20% (Standard).
* **Endurance:** 2,000 hours at 85°C.
* **Mounting Type:** Through-hole (Radial Leads).
* **Construction:** Polarized (must be installed with correct positive/negative orientation).
---
### 3. Applications and Usage
Because the YK series is a "General Purpose" line, these parts are found in standard consumer electronics rather than high-temp industrial or automotive environments.
1. **Filtering:** Smoothing DC voltage in power supply circuits.
2. **Coupling/Decoupling:** Blocking DC components while allowing AC signals to pass in audio or data circuits.
3. **Bypassing:** Shunting noise to ground in low-frequency applications.
---
### 4. Comparison: YK Series vs. Others
The YK series is an "entry-level" series. If you are replacing this part, consider the following upgrades if the original is unavailable:
| Alternative Series | Benefit |
| :--- | :--- |
| **YXF / YXG** | Low Impedance / High Reliability |
| **YXA** | High Temperature (up to 105°C) |
| **ZLH** | Longer Life / Ultra Low ESR |
---
### 5. Identification Example
```cpp
// Component Identification Summary
Part_Number: 10YK-4B0-R
Manufacturer: Rubycon
Voltage_Rating: 10V
Temperature_Rating: 85°C
Mounting: Radial Through-Hole
Compliance: RoHS Lead-Free
```
- ⤷What is the difference between the YK series and the YXA series?
- ⤷ How can I identify the negative lead on this capacitor?
- ⤷ What are the common failure signs for an electrolytic capacitor like this?