AI

The **10YK-650-R** typically refers to a high-capacity, heavy-duty industrial **Electromagnetic Vibratory Feeder** or a specific **Electromagnetic Coil** assembly used in vibrating machinery. These components are essential in industries like mining, agriculture, and chemical processing for controlled material flow.
Below is a breakdown of the electronic and electromechanical parts associated with this component.
---
### 1. Core Electronic Components
The "10YK-650-R" system relies on the interaction between electromagnetic fields and mechanical springs.
| Component | Function | Technical Detail |
| :--- | :--- | :--- |
| **Electromagnetic Coil** | Generates the magnetic driving force. | High-temp copper windings encased in epoxy resin (Class H insulation). |
| **Armature (Moving Core)** | Responds to the magnetic field to create motion. | Made of laminated silicon steel to reduce eddy current losses. |
| **SCR / Thyristor Controller** | Regulates the power sent to the coil. | Adjusts the voltage/current to control vibration amplitude (feed rate). |
| **Leaf Springs** | Acts as the "battery" for kinetic energy. | Multi-layered fiberglass or spring steel plates that store potential energy. |
| **Rectifier Diode** | Converts AC to Half-Wave DC. | Essential for creating the "pulse" that causes vibration. |
---
### 2. Operational Specifications
The "650" in the model number often indicates the specific capacity or the physical width of the tray/coil housing in millimeters.
* **Input Voltage:** Usually 110V, 220V, or 380V AC (depending on the region/industrial standard).
* **Operating Frequency:** Typically synced to the line frequency (50Hz or 60Hz), resulting in 3,000 to 3,600 vibrations per minute.
* **Protection Rating:** Often **IP65** or higher to protect the electronic coils from dust and moisture in harsh environments.
---
### 3. Connection & Control Logic
The electronic circuit for this part is relatively simple but requires precision timing:
1. **Power Input:** Standard AC power enters a control box.
2. **Phase Control:** A potentiometer or PLC signal (4-20mA) adjusts the firing angle of a Thyristor.
3. **Pulse Generation:** The electromagnetic coil is energized during the half-cycle, pulling the armature.
4. **Recoil:** When the current drops, the leaf springs pull the armature back.
5. **Result:** This cycle repeats 50-60 times per second, creating a "hopping" motion that moves material.
---
### 4. Maintenance & Safety Parts
* **Air Gap:** The electronic performance depends heavily on the physical "Air Gap" (usually 1.5mm to 3mm) between the coil and armature. If the gap is too large, the coil will draw excessive current and burn out.
* **Thermal Overload:** Most 10YK series units include a thermal fuse or thermistor embedded in the coil to prevent overheating.
- ⤷
What are the common causes of coil burnout in the 10YK-650-R?
- ⤷
How do you adjust the air gap for optimal vibratory performance?
- ⤷
Which type of SCR controller is recommended for this specific model?