Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 10YK-656-R

  • AI
    The part number **10YK-656-R** refers to a specific series of **Miniature Aluminum Electrolytic Capacitors**, typically manufactured by companies like **Rubycon** or distributed through vendors specializing in passive components. --- ### 1. Technical Specifications Based on standard nomenclature for this series, here is the technical breakdown: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Capacitance** | 65µF (Approx.) | The energy storage capacity. | | **Voltage Rating** | 10V | The maximum DC voltage it can handle. | | **Series** | YK | A standard, radial leaded general-purpose series. | | **Temperature Range** | -40°C to +85°C | Operating environment limits. | | **Tolerance** | ±20% | Standard variance in capacitance value. | | **RoHS Status** | Compliant (R) | The "R" suffix often indicates RoHS compliance. | --- ### 2. Physical Characteristics These capacitors are designed for compact electronic circuits and usually feature the following build: * **Form Factor:** Radial Leaded (Cylindrical "can" style with two wires coming out of one end). * **Polarity:** Polarized (must be installed in the correct orientation; usually marked with a stripe for the negative lead). * **Dielectric:** Aluminum Oxide with a liquid electrolyte. --- ### 3. Key Applications Because the YK series is a general-purpose miniature line, it is commonly found in: 1. **Consumer Electronics:** Power supplies for small devices, radios, and toys. 2. **Filtering:** Smoothing out voltage ripples in low-voltage DC circuits. 3. **Coupling/Decoupling:** Blocking DC components while allowing AC signals to pass in audio or signal processing. 4. **Bypassing:** Shunting noise to the ground to protect sensitive integrated circuits (ICs). --- ### 4. Comparison with High-Performance Series The YK series is a "standard" series. If your application requires higher reliability, you might look for these alternatives: | Series Type | Difference | Benefit | | :--- | :--- | :--- | | **YXF / YXG** | Low Impedance | Better for high-frequency switching power supplies. | | **YXA** | High Temperature | Rated for 105°C instead of 85°C. | --- ### Identification Tip When replacing this part, ensure the **Voltage (10V)** is equal to or higher than the original, and the **Capacitance (uF)** matches exactly to maintain circuit timing or filtering characteristics.
    ✨ Follow-up Questions
    • ⤷ What are the dimensions (diameter and height) for the 10YK series capacitors?
    • ⤷ Can I replace an 85°C rated capacitor with a 105°C rated one?
    • ⤷ How do I identify the positive and negative leads on a radial electrolytic capacitor?