AI

The **10YS-2C6-R** is a specific surface-mount device (SMD) part, typically associated with **Schottky Barrier Diodes** or small-signal protection components, often found in power management and signal rectification circuits.
### 1. General Specifications
Based on standard industry numbering for this series, here are the primary technical characteristics:
| Parameter | Typical Value | Description |
| :--- | :--- | :--- |
| **Component Type** | Schottky Diode | High-speed switching diode |
| **Package Type** | SOD-323 / SOT-23 | Small Outline Diode / Transistor package |
| **Maximum Voltage ($V_{R}$)** | 20V - 40V | Maximum reverse blocking voltage |
| **Forward Current ($I_{F}$)** | 0.5A - 1.0A | Continuous forward current capacity |
| **Forward Voltage ($V_{F}$)** | ~0.45V | Low voltage drop for efficiency |
| **Operating Temp** | -55°C to +125°C | Standard industrial range |
---
### 2. Key Features
The "YS" series components are designed for efficiency in compact electronics.
* **Low Forward Voltage Drop:** This reduces power dissipation and heat, making it ideal for battery-operated devices.
* **Fast Switching Speed:** Due to the Schottky construction, the recovery time is near-zero, allowing for high-frequency operation.
* **Guard Ring Construction:** Provides transient protection and enhances long-term reliability against voltage spikes.
* **RoHS Compliant:** The "-R" suffix usually denotes compliance with environmental standards and lead-free manufacturing.
---
### 3. Common Applications
These parts are widely used in modern consumer electronics, including:
1. **DC-DC Converters:** Used as a freewheeling diode to maintain current flow when a switch is off.
2. **Reverse Polarity Protection:** Prevents damage if batteries or power supplies are connected backward.
3. **Clamping Circuits:** Protects sensitive IC inputs from high-voltage transients.
4. **Signal Demodulation:** Used in RF and communication circuits due to low capacitance.
---
### 4. Typical Footprint (Dimensions)
If the part follows the **SOD-323** standard, the physical dimensions are roughly:
* **Length:** 1.7 mm
* **Width:** 1.25 mm
* **Height:** 0.95 mm
> **Note:** Always verify the specific manufacturer's datasheet (e.g., from Diodes Inc, ON Semi, or Vishay) before PCB layout, as internal internal mapping of pins can vary between brands for the same part number.
- ⤷
What is the exact manufacturer of the 10YS-2C6-R part you are referencing?
- ⤷ Can you provide the pinout diagram for the SOD-323 package?
- ⤷ How does a Schottky diode differ from a standard silicon PN junction diode in this circuit?