Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 10YS-616-R

  • AI
    ## Electronic Overview: 10YS-616-R The **10YS-616-R** is a specific surface-mount (SMT) component, typically identified as a **Miniature High-Frequency Transformer** or a **Common Mode Choke**, often used in telecommunications, networking (DSL/ADSL), and power management circuits. --- ### Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Transformer / Common Mode Choke | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Turns Ratio** | Typically 1:1 (depending on specific circuit application) | | **Configuration** | 6-pin or 8-pin Gull-wing lead frame | | **Operating Temp** | -40°C to +85°C (Standard Industrial) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### Key Electronic Functions 1. **Signal Isolation:** It provides galvanic isolation between the input and output stages of a circuit. This protects sensitive low-voltage components from high-voltage spikes or surges on external lines. 2. **Impedance Matching:** It is used to match the impedance of the transmission line to the integrated circuit (IC), ensuring maximum power transfer and minimal signal reflection. 3. **Noise Suppression:** Acting as a filter, it reduces electromagnetic interference (EMI) and common-mode noise, which is critical in high-speed data transmission like ADSL/VDSL. 4. **DC Blocking:** The magnetic coupling allows AC signals (data) to pass through while blocking DC currents that could damage the receiver. --- ### Typical Internal Schematic While internal wiring can vary, a standard 6-pin configuration usually follows this logic: ```text Pin 1 ●-------+ +-------● Pin 6 | ) ( | | ) ( | (Secondary Coil) (Primary Coil)| ) ( | | ) ( | Pin 3 ●-------+ +-------● Pin 4 (Pin 2/5 often used for Center Taps) ``` --- ### Applications * **Modems:** ADSL, VDSL, and G.fast broadband equipment. * **Telephony:** ISDN interfaces and digital line cards. * **Networking:** Ethernet filtering and signal conditioning. * **Power Supplies:** Low-power DC-DC converters requiring isolation.
    ✨ Follow-up Questions
    • ⤷ What are the footprint dimensions for the 10YS-616-R?
    • ⤷ Can this part be used in automotive applications?
    • ⤷ What are the specific inductance values for the primary winding?