10YS-666-R
AI

The **10YS-666-R** is a specific component typically associated with **common mode chokes** or **line filters** used in power electronics and signal processing. These parts are designed to suppress electromagnetic interference (EMI) and radio-frequency interference (RFI).
### 1. Technical Specifications Overview
While specific data can vary by manufacturer (often associated with brands like *Sumida* or *Mag.Layers*), the "10YS" series generally follows these characteristics:
| Parameter | Typical Value/Description |
| :--- | :--- |
| **Component Type** | Common Mode Choke / EMI Filter |
| **Core Material** | Ferrite |
| **Inductance** | Usually represented by the "666" code (approx. 660 $\mu$H or specific impedance) |
| **Termination** | Surface Mount (SMD) or Through-Hole (dependent on package suffix) |
| **Compliance** | RoHS Compliant (indicated by the "-R") |
---
### 2. Key Internal Components
The 10YS-666-R consists of several critical electronic elements:
* **Magnetic Core:** A high-permeability ferrite ring or "U" core that concentrates the magnetic field.
* **Windings:** Two sets of copper wire coils wound in opposite directions around the core. This setup allows "wanted" signals to pass while creating high impedance for "noise."
* **Encapsulation:** Often housed in a heat-resistant plastic base or epoxy coating to ensure structural integrity and insulation.
---
### 3. Functional Applications
This part is primarily used to ensure electronic devices meet regulatory standards for noise emissions.
1. **Switching Power Supplies (SMPS):** Prevents high-frequency switching noise from leaking back into the power grid.
2. **Data Lines:** Filters out common-mode noise in communication cables without degrading the signal quality.
3. **DC-DC Converters:** Smooths output ripples and protects sensitive downstream components.
---
### 4. Circuit Representation
In a schematic, the part is represented as two coupled inductors with polarity dots:
```text
Line In (1) o---( L1 )---o Line Out (2)
) (
Neutral In (4) o---( L2 )---o Neutral Out (3)
```
- ⤷
What is the exact inductance value corresponding to the 666 code?
- ⤷ How does a common mode choke differ from a standard inductor?
- ⤷ What are the footprint dimensions for the 10YS-666-R package?