AI

The **12-TQ3-R** is a specific part number typically associated with **SMD (Surface Mount Device) Electrolytic Capacitors**. These components are widely used in power management, filtering, and buffering applications within electronic circuits.
### 1. General Specifications
While specific values (Voltage/Capacitance) can vary based on the manufacturer (often associated with brands like **Lelon** or **Samxon**), the "TQ" series generally refers to high-temperature, low-impedance characteristics.
| Feature | Typical Specification |
| :--- | :--- |
| **Type** | Aluminum Electrolytic Capacitor |
| **Mounting Type** | SMD (Surface Mount Device) / V-Chip |
| **Operating Temperature** | -55°C to +105°C |
| **Endurance** | 2,000 to 5,000 hours (at 105°C) |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 2. Breakdown of the Part Number
Though naming conventions differ slightly by manufacturer, the code usually breaks down as follows:
* **12**: Often represents the physical size code (e.g., 12.5mm diameter) or a specific voltage rating code.
* **TQ**: The **Series Name**. TQ series capacitors are typically designed for **Low Impedance** and high reliability in high-frequency applications.
* **3**: Often a placeholder for the capacitance tolerance or a specific packaging code.
* **-R**: Stands for **RoHS Compliant** or **Tape & Reel** packaging.
---
### 3. Key Characteristics
* **Low ESR (Equivalent Series Resistance):** These parts are designed to minimize energy loss as heat, making them efficient for high-frequency switching power supplies.
* **V-Chip Construction:** The "Vertical Chip" design allows the component to be soldered directly onto the surface of a PCB using automated pick-and-place machines.
* **Vibration Resistance:** Many components in this series are designed to withstand mechanical stress, making them suitable for automotive or industrial electronics.
---
### 4. Typical Applications
* **DC-DC Converters:** Filtering input and output noise.
* **Motherboards/Graphics Cards:** Providing stable voltage to processors.
* **LED Drivers:** Smoothing the current to prevent flickering.
* **Telecommunications:** Power buffering in networking equipment.
---
### 5. Identification Example
If you are looking at a PCB and see "12-TQ3-R", check the markings on top of the aluminum can. They usually display:
1. **Capacitance** (e.g., 100µF)
2. **Voltage** (e.g., 16V, 25V)
3. **Date Code** (for manufacturing batches)
- ⤷What are the specific dimensions for a size code 12 capacitor?
- ⤷ How do I calculate the ripple current limit for TQ series capacitors?
- ⤷ What are the common alternatives to the TQ series for high-temperature environments?