1210F-R39
AI

The part number **1210F-R39** typically refers to a **Fixed Surface Mount (SMD) Inductor**. Based on standard electronics industry nomenclature, this component is part of the "1210" series of chip inductors.
---
### 1. Part Number Breakdown
To understand the component, we can deconstruct the code:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **1210** | Case Size | Dimensions are 0.12 x 0.10 inches (approx. 3.2 x 2.5 mm). |
| **F** | Tolerance | Indicates a precision tolerance, usually **±1%**. |
| **R39** | Inductance Value | "R" acts as a decimal point. 0.39 Microhenries (**0.39 µH**). |
---
### 2. Technical Specifications
While specific manufacturers (like Bourns, Murata, or TDK) may have slight variations, a standard 1210F-R39 inductor generally follows these parameters:
* **Inductance:** 0.39 µH (390 nH).
* **Tolerance:** ±1% (High precision).
* **Operating Temperature:** Typically -40°C to +125°C.
* **Core Material:** Often Ferrite or Ceramic depending on the specific application (RF vs. Power).
* **Termination:** Lead-free (RoHS compliant) tin plating.
---
### 3. Key Applications
Because of its small size and high precision (1% tolerance), this part is commonly used in:
1. **RF Tuning Circuits:** Where exact inductance is required for frequency stability.
2. **Signal Filtering:** Removing high-frequency noise in communication devices.
3. **Power Management:** Localized DC-DC conversion in mobile devices.
4. **Impedance Matching:** Used in antenna circuits for smartphones and GPS modules.
---
### 4. Footprint and Dimensions
If you are designing a PCB (Printed Circuit Board), the physical footprint is standardized:
| Dimension | Metric (mm) | Imperial (inches) |
| :--- | :--- | :--- |
| **Length (L)** | 3.2 ± 0.3 | 0.126 |
| **Width (W)** | 2.5 ± 0.2 | 0.098 |
| **Height (H)** | ~2.2 max | ~0.087 |
---
### 5. Code Example: Schematic Labeling
In professional EDA software (like KiCad or Altium), this part would be represented in a Bill of Materials (BOM) as follows:
```yaml
Component: Fixed Inductor
Package: 1210 (3225 Metric)
Value: 0.39uH
Tolerance: 1%
Part_Number: 1210F-R39
```
- ⤷What is the maximum current rating for a typical 1210 size inductor?
- ⤷ How does the 'F' tolerance compare to 'J' or 'K' tolerances?
- ⤷ Can this inductor be used in high-frequency RF applications?