1210F-R82
AI

The **1210F-R82** is a specific part number for a surface-mount electronic component, typically representing a **fixed inductor**. Below is a detailed breakdown of its specifications based on standard electronic naming conventions (likely from manufacturers like Fastron, Bourns, or Gowanda).
---
## 1. Technical Specifications
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Fixed Inductor | Passive component that stores energy in a magnetic field. |
| **Package Size** | 1210 (Imperial) | Dimensions: approx. 3.2mm x 2.5mm. |
| **Inductance Value** | 0.82 µH | The "R" acts as a decimal point (R82 = 0.82). |
| **Tolerance** | ±1% (F) | The "F" suffix denotes high precision. |
| **Mounting Type** | SMT / SMD | Designed for Surface Mount Technology. |
| **Core Material** | Ferrite or Phenolic | Usually wire-wound on a ceramic or ferrite core. |
---
## 2. Part Number Breakdown
Understanding the alphanumeric code helps in identifying variations of the component:
1. **1210**: Refers to the **Case Size**. In the metric system, this is equivalent to **3225**.
2. **F**: Refers to the **Tolerance**.
* F = ±1%
* J = ±5%
* K = ±10%
3. **R82**: Refers to the **Inductance Value** in Microhenries (µH).
* The "R" represents the decimal point. 0.82 µH is a relatively low inductance, often used for high-frequency applications.
---
## 3. Applications and Usage
These small-form-factor inductors are commonly found in the following circuits:
* **RF Tuning:** Used in radio frequency circuits for signal filtering.
* **DC-DC Converters:** Acts as an energy storage element in power management modules.
* **Decoupling:** Used to filter out high-frequency noise from power supply lines.
* **Consumer Electronics:** Found in smartphones, tablets, and wearable devices due to the compact 1210 footprint.
---
## 4. Example Footprint Layout (1210)
```text
3.2mm
<----------->
_________________ ^
| ___________ | |
| | Inductor | | | 2.5mm
| | Core | | |
| |___________| | |
|_________________| v
(Top View)
```
- ⤷What is the maximum current rating for a 1210F-R82 inductor?
- ⤷ How does the 'F' tolerance compare to standard 'K' tolerance in circuit performance?
- ⤷ Can I replace a 1210 size inductor with a 0805 size if the inductance is the same?