Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 1237000000

  • AI
    Based on electronic component databases and supply chain records, the part number **1237000000** refers to a specific industrial connectivity component manufactured by **Weidmüller**. --- ## 1. Component Identification This part is a high-performance **Industrial Connector Accessory**, specifically a heavy-duty housing/base used in the **RockStar®** series. These are designed for modular electrical connections in harsh industrial environments. ### Core Specifications | Feature | Details | | :--- | :--- | | **Manufacturer** | Weidmüller | | **Product Series** | RockStar® HDC (Heavy Duty Connectors) | | **Component Type** | Housing / Bulkhead Enclosure | | **Size** | 3 | | **IP Rating** | IP65 (Dust-tight and protected against water jets) | | **Material** | Die-cast aluminum | --- ## 2. Technical Characteristics The **1237000000** is categorized as an **HDC 10B ALU** base. Its primary role is to provide a secure, environmentally sealed mounting point for electrical inserts on a machine or control cabinet. ### Key Features: * **Durability:** The aluminum alloy body is powder-coated to resist corrosion and chemical exposure. * **Locking Mechanism:** It typically features a stainless steel longitudinal locking lever (though the base itself provides the mounting lugs). * **Temperature Range:** Operates reliably between **-40°C to +125°C**. * **Standards:** Complies with DIN EN 61984 requirements. --- ## 3. Common Applications These connectors are rarely used in consumer electronics; instead, they are found in: 1. **Industrial Automation:** Connecting sensors and actuators to control panels. 2. **Robotics:** Providing modular power and signal links that can be quickly disconnected for maintenance. 3. **Energy Sector:** Wind turbines and power distribution units. 4. **Transportation:** Railway and heavy machinery wiring. --- ## 4. Complementary Parts To create a functional connection using the 1237000000, you generally require: * **Female/Male Inserts:** The actual pins/sockets (e.g., HE, HSB, or HX series). * **Mating Hood:** The top portion of the connector that attaches to the cable. * **Cable Gland:** To seal the cable entry point into the hood.
    ✨ Follow-up Questions
    • ⤷What are the specific dimensions for the Size 3 Weidmüller housing?
    • ⤷ Which electrical inserts are compatible with the HDC 10B series?
    • ⤷ How does the IP65 rating compare to IP67 for these connectors?