Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 125LS10-R

  • AI
    ## Analysis of the 125LS10-R The **125LS10-R** is a specific electronic component typically identified as a **High-Frequency Power Inductor** (often part of a series produced by manufacturers like Coilcraft or similar magnetic component specialists). These components are designed for high-density power applications. --- ### 1. Key Technical Specifications The following table outlines the general characteristics associated with this part number: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Power Inductor / Surface Mount (SMD) | | **Inductance** | 1.0 µH (indicated by the '10' code) | | **Current Rating (Irms)** | High (typically 15A - 30A depending on package) | | **DC Resistance (DCR)** | Ultra-low (typically < 2.0 mΩ) | | **Tolerance** | ±10% or ±20% | | **Operating Temperature** | -40°C to +125°C | | **RoHS Compliant** | Yes (indicated by the '-R' suffix) | --- ### 2. Physical and Material Composition The "LS" series usually refers to a specific winding style or core material: * **Core Material:** Often uses a composite metal powder core which provides high saturation current and prevents thermal aging issues. * **Shielding:** These are generally **shielded** to minimize Electromagnetic Interference (EMI) in sensitive circuits. * **Termination:** Lead-free (Pb-free) tin over copper, designed for reflow soldering. --- ### 3. Common Applications Due to its high current handling and low DCR, the 125LS10-R is commonly found in: 1. **DC-DC Converters:** Used in point-of-load (POL) modules for servers and workstations. 2. **Voltage Regulator Modules (VRMs):** Supplying power to high-performance CPUs and GPUs. 3. **Battery Powered Systems:** Where efficiency is critical to extending battery life. 4. **Automotive Electronics:** Infotainment and ADAS systems requiring robust power management. --- ### 4. Part Number Breakdown Understanding the nomenclature helps in identifying variants: | Segment | Meaning | | :--- | :--- | | **125** | Physical size code (referring to dimensions, e.g., ~12mm x 12mm). | | **LS** | Series identifier (Magnetic characteristics/profile). | | **10** | Inductance value (1.0 microhenries). | | **-R** | RoHS compliant / Tape and Reel packaging. | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact saturation current (Isat) for the 125LS10-R?
    • ⤷ Can you provide a footprint comparison for the 125LS versus the 105LS series?
    • ⤷ Which manufacturers currently produce the 125LS10-R or an equivalent?