1261-R1
AI

The term **1261-R1** typically refers to a specific electronic component, most commonly associated with **RF (Radio Frequency) connectors** or specific **Power Modules/Inductors**, depending on the manufacturer prefix.
However, in the context of general electronics manufacturing and distribution, this part number is most frequently linked to **SMB (SubMiniature version B)** series connectors or high-precision passive components.
---
### 1. Technical Specifications (General)
If we look at the most common industrial application for the 1261-R1 (RF Connector series), the specifications are as follows:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | RF Connector / Coaxial Interface |
| **Interface Style** | SMB (Push-on coupling) |
| **Impedance** | 50 Ohms (Standard) |
| **Body Material** | Brass with Gold or Nickel Plating |
| **Contact Material** | Beryllium Copper |
| **Mounting Type** | PCB Mount or Cable Edge |
---
### 2. Key Internal Electronic Parts
The 1261-R1 is an assembly of several precision-engineered parts:
1. **Center Contact (Pin):** Usually made of gold-plated brass or copper to ensure high conductivity and minimal signal loss.
2. **Insulator (Dielectric):** Often made of **PTFE (Teflon)**. This provides high insulation resistance and maintains constant impedance across the signal path.
3. **Outer Body:** The shell that provides mechanical strength and grounding. It features a "snap-on" mechanism characteristic of SMB connectors.
4. **Spring Elements:** Internal clips that ensure a secure mechanical lock and consistent electrical contact during vibration.
---
### 3. Applications
Parts in this category are used in high-frequency environments where space is limited but reliability is required:
* **Telecommunications:** Base station equipment and antennas.
* **Instrumentation:** Signal generators and measurement devices.
* **Medical Electronics:** High-speed data transmission in imaging equipment.
* **Automotive:** GPS and infotainment modules.
---
### 4. Variants and Identification
When sourcing this part, pay attention to the manufacturer prefix:
* **Molex/TE Connectivity:** Often use similar numbering for RF sub-assemblies.
* **Coilcraft/Murata:** If the part is a power inductor (e.g., 1261 series), it will consist of a ferrite core and copper windings designed for DC-DC converters.
---
- ⤷
Is this part number from a specific manufacturer like Molex or Murata?
- ⤷ Do you need the footprint dimensions for a PCB layout?
- ⤷ Are you looking for an equivalent replacement for a discontinued 1261-R1 component?