1261-R2-100
AI

The **1261-R2-100** is a specific electronic component, typically categorized as a **high-precision, high-current current sensing resistor** or a specialized **shunt**. These components are designed to measure current by monitoring the voltage drop across a known resistance.
---
## 1. Technical Specifications Overview
The part number follows a specific nomenclature that defines its electrical characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Resistance Value** | 100 mΩ (0.1 Ω) | The nominal resistance of the part. |
| **Tolerance** | Typically ±1% | The precision range of the resistance value. |
| **Power Rating** | High (2W - 5W+) | Designed to handle significant power without overheating. |
| **Mounting Type** | Surface Mount (SMD) | Designed for automated PCB assembly. |
| **Temperature Coefficient** | Low (e.g., <50 ppm/°C) | Ensures stability across temperature fluctuations. |
---
## 2. Key Electronic Features
### A. Current Sensing Capability
The primary function of the 1261-R2-100 is to act as a **Shunt Resistor**. By applying Ohm's Law ($V = I \times R$), a microcontroller or monitoring IC can calculate the current ($I$) by measuring the small voltage ($V$) across the 100 mΩ resistor.
### B. Thermal Management
Because these parts often carry high currents, they are constructed using:
* **Metal Plate Technology:** Unlike standard thick-film resistors, these use a solid metal alloy to dissipate heat efficiently.
* **Low Inductance:** The design minimizes parasitic inductance, which is critical for high-frequency switching power supplies.
---
## 3. Common Applications
These parts are found in circuits where power monitoring is essential:
1. **Battery Management Systems (BMS):** Monitoring the charge and discharge rates of Lithium-ion batteries.
2. **DC-DC Converters:** Providing feedback loops for current-mode control.
3. **Motor Controllers:** Detecting overcurrent conditions to prevent motor burnout.
4. **Power Inverters:** Measuring output load to ensure system stability.
---
## 4. Typical Internal Construction
```cpp
// Schematic representation of the 1261-R2-100 in a circuit
[Source Vin] ----+----[ 1261-R2-100 ]----+---- [Load]
| (0.1 Ohm) |
| |
+----(Sense Line A)-----+
+----(Sense Line B)-----+
|
[Current Sense Amplifier]
```
---
- ⤷
What is the maximum current capacity for the 1261-R2-100 based on its power rating?
- ⤷ How does the temperature coefficient affect the accuracy of this resistor in automotive environments?
- ⤷ What are the physical dimensions of the 1261 package style?