Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 12P10L-TQ2-R

  • AI
    The **12P10L-TQ2-R** is a specific part number typically associated with a **P-Channel Enhancement Mode Power MOSFET**. This component is widely used in power management and switching applications. Below is a detailed breakdown of its electronic characteristics and nomenclature. --- ### 1. General Specifications Based on standard industry conventions for this part series (often manufactured by UTC - Unisonic Technologies), here are the typical technical parameters: | Feature | Specification (Typical) | | :--- | :--- | | **Polarity** | P-Channel | | **Drain-Source Voltage ($V_{DSS}$)** | -100V | | **Continuous Drain Current ($I_D$)** | -12A | | **Gate-Source Voltage ($V_{GSS}$)** | ±20V | | **Static Drain-Source On-Resistance ($R_{DS(ON)}$)** | ~0.25Ω (at $V_{GS}$ = -10V) | | **Package Type** | TO-263 (D2PAK) | --- ### 2. Part Number Breakdown The alphanumeric code provides specific information about the device's construction and packaging: * **12**: Represents the approximate current rating (12 Amperes). * **P**: Indicates the polarity (**P-Channel**). * **10**: Represents the voltage rating ($10 \times 10 = 100$ Volts). * **L**: Often denotes "Lead-free" or a specific "Low" threshold characteristic depending on the manufacturer. * **TQ2**: Refers to the **TO-263** package (also known as D2PAK), which is a surface-mount package designed for high power. * **R**: Indicates **Tape and Reel** packaging for automated assembly. --- ### 3. Key Features & Applications The 12P10L-TQ2-R is designed for efficiency and high-speed switching. #### Features: * **Low Input Capacitance:** Allows for faster switching speeds. * **High Ruggedness:** Designed to handle avalanche energy. * **Low $R_{DS(ON)}$:** Reduces power dissipation during the "ON" state. #### Typical Applications: 1. **Motor Control:** Used in H-bridge circuits for DC motor drive. 2. **Load Switching:** Acting as a high-side switch to connect/disconnect power to a peripheral. 3. **DC-DC Converters:** Integrated into power supply modules. 4. **Inverters:** Part of the switching stage in power inversion systems. --- ### 4. Typical Connection Diagram In a standard P-Channel MOSFET configuration, the Source is usually connected to the positive supply. ```text (Gate) ----[ R_gate ]---- (Control Signal) | |-----+ (Source: Connected to V+) | --- (Body Diode) / \ | +------- (Drain: Connected to Load) ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between this P-Channel MOSFET and an N-Channel equivalent?
    • ⤷ What is the recommended gate drive voltage for optimal switching?
    • ⤷ Can this MOSFET be used in high-frequency PWM applications?