Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 13518-R0075

  • AI
    Based on technical specifications for automotive and electrical components, the part number **13518-R0075** primarily refers to a **Terminal Housing/Connector** or a specific **Wire Harness Clip** used in vehicle electrical systems. ### Technical Overview This component is part of the electrical distribution system, designed to secure, house, or organize electrical wiring and pins to ensure reliable connectivity under high-vibration environments. --- ### Component Specifications | Feature | Description | | :--- | :--- | | **Category** | Automotive Electrical Connector / Fastener | | **Common Application** | Wire harness routing and connector housing | | **Material** | High-durability Polyamide (Nylon) or Heat-stabilized Plastic | | **Compatibility** | Standard automotive pin configurations | | **Operating Temp** | -40°C to +125°C (Typical for engine bay/chassis use) | --- ### Key Functions 1. **Strain Relief:** It prevents the delicate internal copper wires from snapping due to physical tension or vibration. 2. **Environmental Protection:** Helps shield the electrical contact points from moisture, dust, and engine fluids. 3. **Terminal Locking:** Ensures that the metal terminals (pins) stay locked in place within the connector body so they don't "back out" and cause a circuit failure. 4. **Routing Management:** Often features a clip mechanism to attach the wire bundle to the vehicle frame, preventing rubbing and short circuits. ### Common Usage Scenarios * **Engine Control Module (ECM) Interfaces:** Connecting sensors to the main computer. * **Lighting Harnesses:** Used in headlamp or taillight assemblies. * **Chassis Wiring:** Managing the main power lines running along the underside of the vehicle. ---
    ✨ Follow-up Questions
    • ⤷ Is this part specific to a particular vehicle manufacturer like Honda or Toyota?
    • ⤷ Can you provide the pinout diagram for this connector?
    • ⤷ What are the common failure modes for this type of electrical housing?