135ER-R10
AI

The **135ER-R10** is a specific model of an **SMD (Surface Mount Device) Power Inductor**. These components are critical in modern electronics for managing power flow, filtering noise, and storing energy in magnetic fields.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Technical Specifications
The alphanumeric code "135ER-R10" typically follows a standard industry naming convention for inductors.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Fixed Inductor | Power Inductor used in DC-DC converters. |
| **Inductance Value** | **0.10 µH** (R10) | "R" represents the decimal point. |
| **Tolerance** | ±20% (Typical) | The allowable variance in inductance. |
| **Package Size** | 13.5mm x 12.5mm | Large footprint for high-current handling. |
| **Current Rating** | Very High (30A - 60A+) | Designed for low-voltage, high-current CPU/GPU rails. |
| **DCR (Resistance)** | Ultra-Low | Minimizes heat loss and improves efficiency. |
---
### 2. Physical Construction
The **135ER** series usually features a **Molded Power Inductor** construction:
* **Core Material:** Composite Iron Powder or Carbonyl Iron. This allows for soft saturation (the inductance doesn't drop off instantly as current increases).
* **Shielding:** These are magnetically shielded to prevent electromagnetic interference (EMI) from affecting nearby sensitive components.
* **Termination:** Lead-free (RoHS compliant) solder pads for surface mounting.
---
### 3. Key Applications
Because of the extremely low inductance (**0.10 µH**) and high current capacity, this part is found in specific high-performance circuits:
1. **Voltage Regulator Modules (VRMs):** Used in motherboards and graphics cards to provide stable power to processors.
2. **DC-DC Converters:** High-frequency switching power supplies.
3. **POL (Point of Load) Converters:** Providing power to FPGAs or ASICs where high speed and high current are required.
4. **Servers and Data Centers:** Power management in high-density computing environments.
---
### 4. Part Number Breakdown
* **135:** Refers to the physical dimensions (approx. 13.5mm footprint).
* **ER:** Series designation (often indicating the molding type or manufacturer-specific line).
* **R10:** The value code. **R** = decimal. **10** = 10. Therefore, $0.10$ microhenries ($\mu H$).
---
- ⤷
What is the maximum saturation current for the 135ER-R10?
- ⤷ How does an inductor's DCR affect circuit efficiency?
- ⤷ What are the advantages of molded inductors over wire-wound inductors?