Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 1360-R1BK

  • AI
    The **1360-R1BK** is a specific electronic component, most commonly identified as a **high-current rocker switch** or a similar electromechanical interface component used in power distribution. --- ### Technical Specifications Below are the typical electrical and physical specifications associated with this part series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Rocker Switch | | **Circuitry** | SPST (Single Pole Single Throw) | | **Switch Function** | On-Off | | **Current Rating** | Typically 16A to 20A @ 125VAC | | **Voltage Rating** | 125VAC / 250VAC | | **Color** | Black (Indicated by the "BK" suffix) | | **Actuator Style** | Round or Rectangular (depending on sub-series) | | **Termination** | Quick Connect / Solder Terminals | --- ### Breakdown of the Part Number The alphanumeric code provides specific information about the part's build: 1. **1360**: The base series number, defining the body size and internal contact mechanism. 2. **R1**: Usually refers to the **Actuator Style** (e.g., a specific curved rocker face) or the **Circuit Configuration**. 3. **BK**: Stands for **Black**, indicating the color of the housing and the actuator button. --- ### Key Features * **Snap-in Mounting**: Designed for easy installation into a rectangular or circular panel cutout without the need for additional hardware. * **High Current Handling**: Suitable for domestic appliances and industrial equipment that require a heavy power load. * **Material Composition**: Built using heat-resistant plastics (UL 94V-2 or higher) and silver-plated copper alloy contacts for better conductivity. ### Common Applications * **Power Strips**: Used as the primary master switch. * **Kitchen Appliances**: Found in coffee makers, air fryers, and blenders. * **Industrial Controls**: Used in power supply units (PSUs) and control panels. * **Vacuum Cleaners**: High-duty cycle motor control. ---
    ✨ Follow-up Questions
    • ⤷What is the exact panel cutout size required for the 1360-R1BK?
    • ⤷ Is there an illuminated version of this switch available?
    • ⤷ What is the maximum operating temperature for this component?