Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 14-RSC114D1100

  • AI
    The part number **14-RSC114D1100** refers to a high-quality **Rocker Switch** manufactured by **E-Switch**. This specific component is part of the RSC series, known for its high current ratings and robust performance in power applications. --- ### Technical Specifications Below are the primary technical parameters for the 14-RSC114D1100: | Parameter | Specification | |:---|:---| | **Manufacturer** | E-Switch | | **Series** | RSC Series | | **Circuit Type** | SPST (Single Pole Single Throw) | | **Switch Function** | On-Off | | **Current Rating (AC)** | 20A @ 125VAC / 15A @ 250VAC | | **Horsepower Rating** | 2HP @ 125/250VAC | | **Actuator Type** | Round Rocker | | **Mounting Type** | Panel Mount, Snap-In | | **Termination Style** | Quick Connect (6.3mm / 0.250") | | **Ingress Protection** | IP54 (Optional with boot) | --- ### Component Breakdown The part number can be decoded to understand its physical and electrical characteristics: #### 1. Configuration (SPST) This is a simple "On-Off" switch. It has two terminals; when the switch is flipped, it either completes or breaks a single circuit path. #### 2. Mechanical Design * **Actuator:** Features a curved, round-style rocker for ergonomic use. * **Snap-in Mounting:** The housing is designed with plastic "wings" that allow it to be pushed into a rectangular panel cutout (typically ~12.1mm x 27.2mm) without screws. * **Color:** Usually features a black body and a black actuator (unless specified otherwise in the sub-code). #### 3. Power Handling The "D" in the series often signifies high-duty ratings. Being rated for **20 Amps**, this part is suitable for heavy-duty appliances and industrial machinery rather than just low-power signal switching. --- ### Typical Applications Due to its high amperage and reliable snap-in design, this part is commonly found in: * **Industrial Equipment:** Power supplies and control panels. * **Home Appliances:** Vacuum cleaners, space heaters, and kitchen appliances. * **Power Tools:** Bench grinders and table saws. * **Office Equipment:** High-speed printers and shredders. --- ### Connection Diagram (Quick Connect) ```text [ Switch Body ] / \ [Pin 1] [Pin 2] | | (Line In) (Load/Device) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific panel cutout dimensions for the RSC series?
    • ⤷ Does this model include an internal illumination lamp (LED or Neon)?
    • ⤷ Can this switch be used for DC applications instead of AC?