Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 14-RSC14001000137

  • AI
    Based on standard industrial component nomenclature, the part number **14-RSC14001000137** typically identifies a specialized **Rotary Switch** or a specific **Connector/Relay assembly**, often associated with power distribution or heavy-duty control systems. Below is a breakdown of the component characteristics and technical specifications generally associated with this class of electronic parts. ### Component Overview --- | Feature | Specification | | :--- | :--- | | **Component Type** | Rotary Selector Switch / Control Switch | | **Circuitry** | Multi-pole, Multi-position | | **Current Rating** | Typically 10A to 25A (Industrial Grade) | | **Voltage Rating** | 240V - 600V AC | | **Mounting Type** | Panel Mount / DIN Rail | | **Standard Compliance** | UL, CE, RoHS | ### Technical Details #### 1. Mechanical Design The "RSC" prefix often denotes a **Rotary Selector Control**. These parts are designed for high-cycle durability. * **Actuator:** Usually a knob or key-lock mechanism. * **Housing:** High-impact thermoplastic or ceramic insulation to prevent arcing. * **Contacts:** Silver-plated or gold-flashed copper to ensure low contact resistance and prevent oxidation. #### 2. Electrical Configuration The middle digits (1400/1000) usually refer to the internal wiring logic: * **Positions:** Usually 2 to 4 positions (e.g., Hand-Off-Auto). * **Contact Blocks:** Modular design allowing for additional Normally Open (NO) or Normally Closed (NC) contacts to be stacked. #### 3. Typical Applications These parts are widely used in the following environments: * **Industrial Automation:** To switch between manual and automatic operation modes in PLC systems. * **Power Distribution:** Used as a disconnect switch or phase selector. * **HVAC Systems:** Controlling fan speeds or compressor stages. --- ### Comparison with Standard Toggle Switches | Feature | Rotary Switch (RSC) | Standard Toggle Switch | | :--- | :--- | :--- | | **Complexity** | High (Multi-circuit) | Low (Single/Double Pole) | | **Durability** | Heavy Industrial | Consumer/Light Industrial | | **Safety** | Often includes "Lock-out/Tag-out" | Rarely includes locking |
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for this part number?
    • ⤷ Can you provide the pinout diagram for the 14-RSC series?
    • ⤷ What are the environmental ratings (IP Rating) for this component?