Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 14-RSC141D1000117

  • AI
    The part number **14-RSC141D1000117** refers to a specific configuration of a **Rocker Switch** manufactured by **E-Switch**. It belongs to the RSC series, which are known for their high-current capacity and snap-in mounting design. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | E-Switch | | **Series** | RSC Series | | **Circuit Function** | SPST (Single Pole Single Throw) | | **Switch Function** | On-Off | | **Current Rating** | 20A 125VAC / 16A 250VAC | | **Termination Style** | Quick Connect (typically 6.3mm / 0.250") | | **Actuator Type** | Round Rocker | | **Mounting Type** | Panel Mount, Snap-In | | **Operating Temperature** | -20°C to 105°C | --- ### 2. Breakdown of the Part Number Logic While manufacturer codes vary slightly, the RSC series numbering usually follows this logic: * **RSC:** Series Prefix (Round Snap-in Rocker Switch). * **141:** Configuration code indicating the internal circuit (SPST) and physical dimensions. * **D:** Termination code (Standard Quick Connect tabs). * **1000:** Actuator and Housing color code (usually signifies Black housing and Black actuator). * **117:** Specific marking or versioning code (often denotes specific laser-etched or pad-printed icons, such as the I/O symbol). --- ### 3. Common Applications These switches are designed for high-power switching in consumer and industrial appliances. Common use cases include: 1. **Industrial Controls:** Power strips, control panels, and test equipment. 2. **Appliances:** Vacuum cleaners, coffee makers, and space heaters. 3. **Medical Equipment:** Power isolation switches for diagnostic tools. 4. **Audio/Visual:** Power switches for amplifiers and professional stage lighting. --- ### 4. Physical Dimensions (Typical for RSC Series) * **Panel Cutout:** Approximately 28.6mm x 13.9mm (Standard rectangular snap-in). * **Housing Material:** Polyamide (Nylon) 6/6, UL 94V-2 rated for fire safety. * **Contacts:** Silver-plated copper alloy for high conductivity and heat resistance. ---
    ✨ Follow-up Questions
    • ⤷What is the exact panel cutout dimension for the RSC141 series?
    • ⤷ Are there illuminated versions of the RSC141D switch?
    • ⤷ What is the mechanical life expectancy of this switch in cycles?