AI

The **14-RSC141D1123** is a specific part number for a high-quality **Rocker Switch**, typically manufactured by E-Switch as part of their RSC series. These switches are commonly used in power supplies, household appliances, and industrial equipment.
---
### ## Technical Specifications
The following table outlines the primary electrical and mechanical characteristics of the 14-RSC141D1123:
| Feature | Specification |
| :--- | :--- |
| **Switch Function** | SPST (Single Pole Single Throw) |
| **Actuator Style** | Rocker (On-Off) |
| **Current Rating** | 20A @ 125VAC / 15A @ 250VAC |
| **Contact Resistance** | 20 mΩ Max (initial) |
| **Insulation Resistance** | 100 MΩ Min @ 500VDC |
| **Dielectric Strength** | 1,500VAC for 1 minute |
| **Operating Temperature** | -20°C to +105°C |
| **Termination Type** | 6.3mm Quick Connect / Solder Lug |
---
### ### Key Design Features
1. **Mounting Style**: This is a **Snap-in** mount switch, designed to be easily pushed into a rectangular panel cutout without the need for additional screws or hardware.
2. **Aesthetics**: The "1123" suffix usually denotes the color and marking scheme:
* **Body Color**: Black.
* **Actuator Color**: Black.
* **Marking**: Often includes "I/O" or "On/Off" symbols in white for high visibility.
3. **High Rating**: With a 20A capacity, it is suitable for high-power devices like space heaters, power strips, and commercial kitchen equipment.
---
### ### Typical Applications
* **Consumer Electronics**: Audio/Visual equipment and power adapters.
* **Appliances**: Vacuums, coffee makers, and white goods.
* **Industrial**: Control panels and power distribution units (PDUs).
* **Medical**: Non-critical medical devices requiring robust power switching.
---
### ### Dimensional Data (Approximate)
If you are designing a PCB or a panel for this part, keep these standard RSC series dimensions in mind:
| Dimension Type | Metric Value |
| :--- | :--- |
| **Panel Cutout Height** | ~28.6 mm |
| **Panel Cutout Width** | ~13.9 mm |
| **Total Height (Inc. Terminals)** | ~33.0 mm |
---
- ⤷What is the specific panel cutout size required for the RSC series?
- ⤷ Are there illuminated versions of the 14-RSC141D1123 available?
- ⤷ What is the expected mechanical life cycle of this switch?