14-RSC191D1021137
AI

The part number **14-RSC191D1021137** refers to a high-quality rocker switch manufactured by **E-Switch**. It is part of the RSC series, known for its robust construction and high current ratings.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | E-Switch |
| **Series** | RSC Series |
| **Circuit Function** | SPST (Single Pole Single Throw) |
| **Switch Operation** | On-Off |
| **Current Rating** | 20A 125VAC / 16A 250VAC |
| **Illumination** | Non-Illuminated |
| **Color (Actuator/Body)** | Black / Black |
| **Marking** | I/O (International On/Off symbols) |
| **Termination Style** | 4.8mm Quick Connect / Solder Lug |
| **Mounting Type** | Panel Mount, Snap-In |
---
### Key Components & Design
#### 1. Actuator (The Rocker)
* **Material:** Typically made of Polyamide (Nylon) 6/6.
* **Design:** Features a curved "rocker" shape that pivots to complete or break the circuit.
* **Markings:** The "137" suffix often denotes specific white-inked "I/O" markings for clear user identification.
#### 2. Housing
* **Snap-in Design:** The body features plastic tension tabs that allow it to be pushed into a rectangular panel cutout without the need for screws.
* **Panel Cutout Size:** Standard dimensions for this series are approximately **12.1mm x 27.2mm**.
#### 3. Contacts
* **Material:** Silver-plated copper alloy.
* **Rating:** This specific model is "Heavy Duty," capable of handling up to 20 Amps, making it suitable for power-hungry appliances.
#### 4. Terminals
* **Configuration:** Two male spade terminals located at the base.
* **Connection:** Can be used with female crimp connectors for easy wiring or soldered directly for a permanent connection.
---
### Common Applications
Due to its high amperage rating, this switch is frequently found in:
* **Industrial Equipment:** Power supplies and control panels.
* **Appliances:** Vacuum cleaners, heaters, and kitchen appliances.
* **Audio/Video:** Power strips and professional stage lighting.
- ⤷
What is the standard panel cutout dimension for the RSC series?
- ⤷ Can this switch be used in a 12V DC automotive application?
- ⤷ Does the 14-RSC191D1021137 come in an illuminated version?