14-RSC241D1000137
AI

The part number **14-RSC241D1000137** corresponds to a **RSC Series Rocker Switch** manufactured by **E-Switch**. These switches are commonly used in power supplies, appliances, and industrial equipment due to their high current rating and robust design.
---
### 1. Key Technical Specifications
The following table outlines the core electrical and mechanical characteristics of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | E-Switch |
| **Series** | RSC Series |
| **Circuit Type** | SPST (Single Pole Single Throw) |
| **Switch Function** | On-Off |
| **Current Rating (AC)** | 20A @ 125VAC / 15A @ 250VAC |
| **Horsepower Rating** | 2HP @ 125/250VAC |
| **Contact Resistance** | 20 mΩ Max |
| **Insulation Resistance** | 100 MΩ Min @ 500VDC |
| **Dielectric Strength** | 1,500VAC for 1 Minute |
| **Operating Temperature** | -20°C to +105°C |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows E-Switch’s internal nomenclature to define the physical and aesthetic attributes of the switch:
* **RSC**: Identifies the high-capacity power rocker series.
* **2**: Designates the physical size and housing style.
* **4**: Typically refers to the SPST (Single Pole, Single Throw) circuitry.
* **1**: Standard non-illuminated version.
* **D**: Refers to the terminal type (usually **Quick Connect** tabs, 0.250" or 6.3mm).
* **1000**: Specifies the body color (usually Black).
* **137**: Specifies the actuator color and marking (often indicates a Black actuator with specific White I/O symbols).
---
### 3. Physical Features & Mounting
* **Mounting Type:** Panel Mount, Snap-In.
* **Panel Cutout:** Approximately **12.10mm x 27.20mm** (Standard rectangular cutout).
* **Actuator:** Large rocker face for easy operation, often with "I/O" (On/Off) silk-screened markings.
* **Termination:** Male tabs designed for push-on wire connectors or direct soldering.
---
### 4. Common Applications
Due to its **20 Amp** rating, this switch is ideal for:
1. **Industrial Appliances:** Floor scrubbers, vacuums, and heaters.
2. **Power Electronics:** Main power switches for desktop CNCs or 3D printers.
3. **Kitchen Equipment:** Commercial coffee makers and ovens.
4. **Medical Equipment:** Devices requiring high-reliability power disconnection.
- ⤷What is the standard panel cutout dimension for the RSC series?
- ⤷ Can this switch be used for DC applications
- ⤷ and what are the limitations?
- ⤷ Are there illuminated versions available in the RSC series?