Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 14-RSC241D1021133

  • AI
    The part number **14-RSC241D1021133** refers to a high-quality **Rocker Switch** manufactured by **CIT Relay & Switch**. These components are widely used in industrial, automotive, and consumer electronics to control power flow. --- ## Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | CIT Relay & Switch | | **Series** | RSC Series | | **Circuit Function** | SPST (Single Pole Single Throw) | | **Switch Operation** | On-Off | | **Current Rating** | 20A @ 125VAC / 16A @ 250VAC | | **Horsepower Rating** | 1/2 HP @ 125/250VAC | | **Contact Resistance** | < 50mΩ initial | | **Dielectric Strength** | 1500Vrms minimum | | **Actuator Style** | Standard Rocker (Concave) | --- ## Breakdown of the Part Number The alphanumeric string defines the specific configuration of the switch: 1. **RSC**: Identifies the Series (Heavy-duty power rocker). 2. **24**: Refers to the physical housing size and cutout dimensions. 3. **1**: Denotes the Pole configuration (Single Pole). 4. **D**: Indicates the Function (On-Off). 5. **10**: Specifies the Actuator Color (typically Black). 6. **2**: Specifies the Housing Color (typically Black). 7. **1**: Indicates the Legend/Marking on the switch (e.g., I/O symbols). 8. **133**: Refers to specific terminal types (likely Quick Connect/Solder Lug). --- ## Key Features & Applications ### Features * **High Current Handling:** Capable of switching up to 20 Amps, making it suitable for power-heavy appliances. * **Snap-in Mounting:** Designed for easy installation into rectangular panel cutouts without the need for additional hardware. * **Durability:** High mechanical life cycle, often rated for 50,000 cycles or more. ### Common Applications * **Industrial Equipment:** Control panels and machinery. * **Power Supplies:** Main power toggle for desktop or rack-mounted units. * **Appliances:** Vacuum cleaners, heaters, and kitchen electronics. * **Automotive:** Aftermarket lighting or accessory toggles. ---
    ✨ Follow-up Questions
    • ⤷ What are the exact panel cutout dimensions for the RSC series?
    • ⤷ Is this switch illuminated or non-illuminated?
    • ⤷ What is the operating temperature range for this specific model?