14-RSC241D1A81
AI

The part number **14-RSC241D1A81** typically refers to a high-quality **Rocker Switch** manufactured by **CIT Relay & Switch**. These components are widely used in industrial, automotive, and consumer electronics to manually connect or disconnect an electrical circuit.
---
### 1. Technical Specifications
Below are the primary technical characteristics of the RSC series rocker switches:
| Feature | Specification |
| :--- | :--- |
| **Switch Function** | SPST (Single Pole Single Throw) |
| **Circuit Configuration** | ON-OFF |
| **Contact Rating** | 20A @ 125VAC / 16A @ 250VAC |
| **Actuator Style** | Rocker (Standard) |
| **Illumination** | Non-Illuminated (standard for this suffix) |
| **Mounting Type** | Panel Mount (Snap-in) |
| **Termination Style** | Quick Connect / Solder Lug |
| **Operating Temperature** | -20°C to +85°C |
---
### 2. Breakdown of the Part Number
While manufacturers have specific internal codes, the **RSC series** nomenclature generally breaks down as follows:
* **RSC**: Series identifier (High-current Rocker Switch).
* **2**: Often indicates the physical size/housing dimension (Standard full-size).
* **4**: Terminal type (likely .250" Quick Connect terminals).
* **1**: Circuitry (SPST).
* **D**: Actuator marking (often "I/O" or "ON/OFF" print).
* **1A**: Color code (Black body / Black actuator).
* **81**: Specific manufacturing batch or mounting ear configuration.
---
### 3. Key Physical Features
1. **Snap-in Mounting:** Designed for easy installation into a rectangular panel cutout without the need for additional hardware.
2. **High Amperage:** Unlike miniature switches, the 20A rating makes it suitable for power supplies, heaters, and heavy-duty appliances.
3. **Durability:** Usually rated for 10,000 to 50,000 electrical cycles.
---
### 4. Common Applications
* **Industrial Equipment:** Power controls for machinery.
* **Home Appliances:** Vacuum cleaners, coffee makers, and power strips.
* **Automotive:** Accessory switching for 12V/24V systems.
* **Test & Measurement:** Main power switches for lab equipment.
- ⤷
What is the exact panel cutout dimension required for this switch?
- ⤷ Does this model have a waterproof or IP-rated version?
- ⤷ Can this switch be used for DC applications at 12V or 24V?