AI

The part number **14-RSC241D1A83** corresponds to a specific configuration of a **RSC Series Rocker Switch**, typically manufactured by companies like E-Switch. These switches are widely used in consumer electronics, industrial equipment, and appliances.
Below is a detailed breakdown of the technical specifications and characteristics of this electronic component.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Rocker Switch |
| **Circuitry** | SPST (Single Pole Single Throw) |
| **Function** | On-Off |
| **Current Rating** | 20A @ 125VAC / 15A @ 250VAC |
| **Contact Resistance** | 20 mΩ Max (Initial) |
| **Insulation Resistance** | 100 MΩ Min @ 500VDC |
| **Dielectric Strength** | 1,500VAC for 1 minute |
| **Operating Temperature** | -20°C to +105°C |
| **Mechanical Life** | 30,000 Cycles |
---
### 2. Part Number Breakdown
The alphanumeric code identifies the specific physical and electrical attributes of the switch:
* **RSC:** Series Identifier (High-current capacity rocker switch).
* **2:** Terminal Type (Typically denotes Quick Connect/Solder Tab, often 6.3mm).
* **4:** Circuit Code (Indicates SPST - Single Pole, Single Throw).
* **1:** Housing Color (Commonly Black).
* **D:** Actuator Color (Commonly Amber/Orange, often indicating illumination).
* **1:** Marking Type (Standard I/O or no marking).
* **A83:** Specific Custom/Standard configuration code (often refers to the lamp voltage, e.g., 125V Neon).
---
### 3. Physical Features & Installation
* **Mounting:** This is a **Snap-in** mount switch, designed to be pushed into a rectangular panel cutout.
* **Illumination:** This specific model usually features an **illuminated actuator**, allowing the switch to glow when in the "ON" position.
* **Terminals:** It features male quick-connect tabs, which allow for fast wiring without the need for direct soldering, making it ideal for mass-produced appliances.
### 4. Common Applications
Due to its high amperage rating (up to 20A), the 14-RSC241D1A83 is commonly found in:
* **Power Strips and Surge Protectors:** For main power switching.
* **Kitchen Appliances:** Coffee makers, air fryers, and toasters.
* **Industrial Controls:** Power supplies and heavy-duty machinery panels.
* **HVAC Systems:** Used as a manual disconnect or mode selector.
---
- ⤷What is the exact panel cutout dimension required for the RSC series?
- ⤷ Can this switch be used for DC applications instead of AC?
- ⤷ What are the alternatives if a DPDT configuration is needed?