Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 14-RSC241D2013105

  • AI
    The part number **14-RSC241D2013105** refers to a specific configuration of a **Rocker Switch**, commonly manufactured by brands like **E-Switch** (RSC Series). These switches are widely used in power supplies, household appliances, and industrial equipment. ### 1. Part Number Breakdown Based on standard industry coding for the RSC series, the part number can be decoded as follows: | Segment | Identification | Description | | :--- | :--- | :--- | | **14** | Series Prefix | Internal manufacturer series identifier. | | **RSC2** | Body Style | Standard 13mm x 19mm rectangular cutout. | | **4** | Function | SPST (Single Pole Single Throw), On-Off. | | **1** | Contact Rating | Typically rated for 15A at 125VAC or 10A at 250VAC. | | **D** | Termination | Quick Connect (0.187" or 4.8mm) terminals. | | **2013** | Actuator/Housing | Specific color/legend code (e.g., Black body, Red actuator). | | **105** | Legend/Marking | Specific marking (e.g., "I/O" or "On/Off" symbols). | --- ### 2. Technical Specifications The following table outlines the typical electrical and mechanical properties of this specific switch type: | Feature | Specification | | :--- | :--- | | **Electrical Rating** | 15A @ 125VAC; 10A @ 250VAC (UL/VDE) | | **Contact Resistance** | 20 mΩ Max (initial) | | **Insulation Resistance** | 100 MΩ Min. at 500VDC | | **Dielectric Strength** | 1,500VAC for 1 minute | | **Operating Temperature** | -20°C to +105°C | | **Mechanical Life** | 30,000 Cycles | | **Panel Cutout** | 12.1mm x 19.2mm | --- ### 3. Applications and Usage This component is an electromechanical switch designed for "Snap-In" mounting. * **Appliances:** Used as the main power switch for coffee makers, vacuum cleaners, and kitchen tools. * **Electronics:** Found in ATX power supplies and peripheral devices. * **Industrial:** Used in control panels where a compact, high-current manual override is required. --- ### 4. Wiring Diagram (SPST) The electrical configuration for this switch is simple: ```text [Line In] ---- [Terminal 1] | [Switch] | [Load Out] ---- [Terminal 2] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the alternative terminal types available for the RSC series?
    • ⤷ Can this switch handle DC voltage loads
    • ⤷ and if so
    • ⤷ at what rating?
    • ⤷ How do I interpret the '105' marking code specifically for the legend type?