Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 14A1-RU

  • AI
    Based on the designation **14A1-RU**, this typically refers to a specific series of **Rotary Switches** or specialized **Relay/Circuit Protection** components depending on the manufacturer (often associated with brands like Grayhill or industrial control suppliers). Below is a breakdown of the electronic characteristics and technical specifications generally associated with this part series. --- ### 1. Technical Specifications Most parts in this series are designed for precision signal switching in industrial or aerospace environments. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Rotary Switch / Selector Switch | | **Circuitry** | Single Pole (1P) to Multi-deck configurations | | **Contact Rating** | Usually 250mA to 500mA at 115 VAC | | **Rotational Life** | 25,000 to 50,000 cycles | | **Mounting Type** | Panel Mount or PCB Mount (Through-hole) | | **Contact Material** | Silver alloy or Gold-plated brass | ### 2. Key Internal Electronic Parts The 14A1-RU is composed of several critical sub-components that ensure electrical conductivity and mechanical stability: * **Rotor:** The internal moving part that bridges the connection between the common terminal and the selected output position. * **Stator (Wafer):** The non-conductive base (often ceramic or high-grade plastic) that holds the fixed contacts in place. * **Detent Mechanism:** A spring-loaded ball or leaf spring that provides the "click" feel and ensures the switch stays in a specific electrical position. * **Wiping Contacts:** Designed to "wipe" the surface of the terminal as they move, which helps clear oxidation and maintain low contact resistance. ### 3. Common Applications These parts are used where high reliability is required over a long period: 1. **Test Equipment:** For range selection in multimeters or oscilloscopes. 2. **Aviation Electronics:** Control panels where tactile feedback and vibration resistance are mandatory. 3. **Industrial Controls:** Setting parameters on PLCs or heavy machinery interfaces. 4. **Audio Equipment:** High-end signal routing and gain selection. --- ### 4. Part Number Breakdown (Generic) While coding varies by manufacturer, the "14" and "A" usually denote: * **14:** Series/Size (e.g., 0.5-inch diameter). * **A:** Angle of throw (e.g., 30°, 45°, or 90° between positions). * **1:** Number of poles per deck. * **RU:** Often signifies **RoHS Compliant** and **UL Recognized** (Underwriters Laboratories). ---
    ✨ Follow-up Questions
    • ⤷What is the specific manufacturer for the 14A1-RU you are looking for?
    • ⤷ Are you looking for the pinout diagram for this switch?
    • ⤷ What is the maximum voltage rating for the RU variant?