14CEC-1754-R
AI

The **14CEC-1754-R** is a specific part number belonging to a series of **high-density board-to-board connectors**, typically manufactured by companies like **Amphenol** or **FCI**. These components are critical in high-speed data transmission and compact electronic assemblies.
---
### 1. Key Technical Specifications
The "14CEC" series is generally characterized by its low-profile design and high pin count. Below are the typical specifications associated with this part number:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Board-to-Board (BTB) Connector |
| **Pitch** | Typically 0.4mm or 0.5mm (Ultra-fine) |
| **Pin Count** | 17 (As indicated by the internal coding) |
| **Orientation** | Vertical / Straight |
| **Termination** | Surface Mount Technology (SMT) |
| **Housing Material** | High-Temperature Thermoplastic (LCP) |
| **Contact Plating** | Gold (Au) over Nickel (Ni) |
---
### 2. Physical Characteristics & Build
The part is designed for automated assembly processes and features specific structural elements:
* **SMT Leads:** The leads are designed for reflow soldering. The "R" suffix often denotes **Tape and Reel** packaging, which is standard for high-speed pick-and-place machines.
* **Alignment Bosses:** Often includes small plastic pegs on the bottom to ensure the connector is perfectly centered on the PCB pads before soldering.
* **Shielding:** Many versions in this series include metallic shielding to prevent Electromagnetic Interference (EMI) in sensitive mobile circuits.
---
### 3. Common Applications
Due to its small footprint and high reliability, the 14CEC-1754-R is found in:
1. **Mobile Devices:** Connecting LCD screens, camera modules, or battery management boards to the main logic board (MLB).
2. **Wearables:** Smartwatches and fitness trackers where internal space is extremely limited.
3. **IoT Modules:** Compact sensor arrays and wireless communication modules.
4. **Medical Imaging:** Handheld diagnostic tools requiring high-density signal paths.
---
### 4. Component Schematic Representation
In a CAD environment (like Altium or Eagle), the part is represented as follows:
```cpp
// Typical Pinout Mapping (Example)
Pin 1: VCC (Power)
Pin 2-15: Signal / Data Lines (High Speed)
Pin 16: Ground (GND)
Pin 17: Detection/Shield
```
---
- ⤷What is the exact mating height for the 14CEC-1754-R connector?
- ⤷ Does this connector support PCIe or USB 3.0 data rates?
- ⤷ What are the recommended soldering temperature profiles for this SMT part?