AI

Based on the part number provided, this appears to be a specific identifier for a **Tactile Switch** or a similar electromechanical component, often associated with manufacturers like **C&K** or distributors following specific internal coding.
Below is an overview of the electronic properties and specifications typically associated with this class of components.
---
### 1. Component Overview
The **14CEC series** generally refers to high-quality, sealed tactile switches used in surface mount (SMT) or through-hole applications. These are designed for durability and a consistent "click" feel.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Tactile Switch |
| **Contact Arrangement** | SPST (Single Pole Single Throw) |
| **Switching Power** | 1 VA to 3 VA Max |
| **Operating Voltage** | 32 VDC to 50 VDC |
| **Operating Force** | 1.6 N to 4.0 N (Variable by Q/R suffix) |
| **Lifecycle** | 100,000 to 1,000,000 cycles |
---
### 2. Suffix Breakdown (R/Q)
The letters at the end of the part number usually define the mechanical feel and the packaging method.
* **"R" Suffix:** Usually denotes **RoHS Compliance** or **Tape & Reel** packaging (Ready for automated pick-and-place assembly).
* **"Q" Suffix:** Often indicates the **Silver Contact** material or a specific **Actuation Force** (e.g., "Quality" or "Quiet" click versions in some catalogs).
---
### 3. Key Electronic Characteristics
When integrating this part into a circuit, consider these three parameters:
1. **Contact Resistance:** Usually < 100 mΩ. This is critical for low-voltage signal logic.
2. **Bounce Time:** Typically < 5ms. Microcontrollers reading this switch will require software or hardware debouncing.
3. **Dielectric Strength:** Usually 250 Vrms, ensuring the switch does not arc under standard operating conditions.
---
### 4. Typical Applications
These parts are commonly found in:
* **Consumer Electronics:** Remote controls, cameras, and headphones.
* **Industrial:** Interface panels and reset buttons.
* **Automotive:** Steering wheel controls and interior lighting toggles.
---
### 5. Footprint Example (C Code for Debouncing)
If you are interfacing this switch with a microcontroller, use a simple debounce logic:
```c
// Simple software debounce logic for a tactile switch
bool read_switch(int pin) {
if (digitalRead(pin) == LOW) { // If pressed
delay(20); // Wait for mechanical bounce to settle
if (digitalRead(pin) == LOW) {
return true; // Confirmed press
}
}
return false;
}
```
- ⤷What is the exact actuation force for the 'Q' variant of this switch?
- ⤷ What are the physical dimensions for the 14CEC series footprint?
- ⤷ Does this switch carry an IP67 rating for water resistance?