14CEC-2504-R
AI

The **14CEC-2504-R** is a specific type of electronic connector, commonly classified under the category of **High-Density, SMT (Surface Mount Technology) Connectors**. It is widely used in compact electronic devices such as laptops, tablets, and mobile peripherals.
Below is a detailed breakdown of its specifications and electronic characteristics.
---
### 1. General Specifications
The 14CEC series generally refers to high-pin-count interface connectors designed for high-speed data transmission.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Often associated with manufacturers like **ACES** or similar electronics component groups. |
| **Mounting Type** | SMT (Surface Mount Technology) / SMD |
| **Pitch** | Typically 0.4mm or 0.5mm (Ultra-fine pitch) |
| **Pin Count** | 25-pin (indicated by the '25' in the part number) |
| **Termination** | Right-Angle or Vertical (depending on exact board layout) |
---
### 2. Electrical Characteristics
These connectors are engineered to handle low-voltage signals with high integrity.
* **Current Rating:** Usually 0.3A to 0.5A per pin.
* **Voltage Rating:** Typically 50V AC/DC.
* **Insulation Resistance:** 100MΩ Minimum.
* **Contact Resistance:** 40mΩ Maximum (initial).
* **Dielectric Withstanding Voltage:** 250V AC for 1 minute.
---
### 3. Material Composition
To ensure durability and conductivity, the materials are chosen for high-performance environments.
* **Housing:** High-temperature thermoplastic (UL94V-0 rated), usually LCP (Liquid Crystal Polymer).
* **Contacts:** Copper alloy (Phosphor Bronze or Brass).
* **Plating:** Gold plating on the contact area to prevent oxidation and ensure stable signal transmission; Tin plating on the solder tails.
* **Reinforcement:** Metal ear/tabs for additional PCB retention and grounding.
---
### 4. Applications
The 14CEC-2504-R is primarily found in the following hardware:
1. **Display Panels:** Connecting LCD/OLED screens to the mainboard.
2. **Camera Modules:** High-speed image data transfer.
3. **Battery Management Systems (BMS):** Data monitoring pins for smart batteries.
4. **Flexible Printed Circuits (FPC):** Acting as the mating interface for ribbon cables.
---
### 5. Part Number Decoding (Typical)
While naming conventions vary slightly by manufacturer, the code usually breaks down as follows:
| Segment | Meaning |
| :--- | :--- |
| **14CEC** | Series identifier (Designates the style and form factor) |
| **25** | Number of circuits/positions (25 pins) |
| **04** | Pitch or specialized design variant |
| **R** | Packaging (usually signifies **Tape & Reel** for automated assembly) |
- ⤷
What is the exact pitch measurement for the 14CEC-2504-R?
- ⤷ Are there specific soldering temperature profiles recommended for this SMT part?
- ⤷ Can this connector be used for high-speed LVDS or eDP signal transmission?