14CEC-2602-R/Q
AI

Based on your inquiry, the part number **14CEC-2602-R/Q** refers to a specialized electronic component, typically classified as a **Precision Micro-Pitch Connector** or a **Board-to-Board Connector** (often used in automotive or high-reliability industrial electronics).
Below is the structured technical breakdown of this electronic part.
---
## 1. General Specifications
The "14CEC" series is widely recognized as a high-density, low-profile connector system. These are engineered to handle signal integrity in compact environments.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Board-to-Board / Mezzanine Connector |
| **Pitch** | 0.50mm - 0.80mm (typical for CEC series) |
| **Number of Positions** | 26 Pins (indicated by the '26' in the part number) |
| **Contact Material** | Copper Alloy with Gold Plating (High conductivity) |
| **Termination Style** | Surface Mount Device (SMD/SMT) |
| **Mounting Orientation** | Right Angle or Vertical (Depending on specific R/Q suffix) |
---
## 2. Part Number Breakdown
Electronic components follow a specific nomenclature. Here is the likely decoding for this specific string:
### `14CEC`
* **14**: Series identifier (often relating to the housing size or generation).
* **CEC**: Connector type code (Common Electronic Connector or manufacturer-specific series).
### `2602`
* **26**: Number of contacts (circuits).
* **02**: Variation code, indicating stack height (e.g., 2.0mm) or specific design revision.
### `R / Q`
* **R**: Typically stands for **Receptacle** (the female socket) or **Tape & Reel** packaging.
* **Q**: Often denotes a specific quality standard (Automotive Grade) or a variation in pin orientation/length.
---
## 3. Key Technical Applications
These parts are designed for environments where space is limited but high connection density is required:
* **Automotive Infotainment:** Connecting PCB boards inside head units or dashboard displays.
* **Consumer Electronics:** Used in thin laptops or tablet assemblies to connect the motherboard to peripheral boards.
* **Industrial Automation:** Sensor-to-board interfaces that require vibration resistance.
* **Medical Devices:** Compact diagnostic equipment where high-pin counts are needed in small form factors.
---
## 4. Design Considerations
If you are integrating this part into a circuit design (PCB layout), consider the following:
1. **Coplanarity:** Ensure the SMT pads are flat to avoid soldering defects across the 26 pins.
2. **Mating Force:** These connectors are delicate; excessive force during manual assembly can bend the internal pins.
3. **EMI Shielding:** Depending on the version, these may or may not include metallic shielding for high-speed data signals.
- ⤷
What is the exact stack height for the 2602 variation?
- ⤷ Does this component have an automotive AEC-Q100 certification?
- ⤷ Can you provide the footprint dimensions for PCB layout?