154N-005G-R
AI

The **154N-005G-R** is a high-performance, media-compatible, piezoresistive silicon pressure sensor manufactured by TE Connectivity (Measurement Specialties). It is specifically designed for applications requiring high reliability and accuracy in harsh environments.
---
## 1. Core Specifications
The following table highlights the primary electrical and physical characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Pressure Range** | 0 to 5 psi (Gage) |
| **Output Type** | 0mV to 100mV (Typical Span) |
| **Excitation** | 1.5mA (Constant Current recommended) |
| **Accuracy** | ±0.1% Pressure Non-Linearity |
| **Operating Temp** | -40°C to +125°C |
| **Package Material** | 316L Stainless Steel |
| **Mounting Style** | O-Ring Mount / Weldable |
---
## 2. Key Internal Components
The 154N-005G-R utilizes a complex internal structure to isolate the sensitive electronics from the media being measured:
1. **Piezoresistive Die:** The "brain" of the sensor. It is a silicon chip with etched resistors that change resistance when subjected to mechanical strain.
2. **Oil-Filled Cavity:** The sensor die is submerged in silicone oil, which acts as the pressure transfer medium.
3. **Stainless Steel Diaphragm:** A thin 316L SS membrane protects the oil and die. When external pressure hits the diaphragm, it deflects, pushing the oil against the silicon die.
4. **Ceramic Substrate:** The internal circuitry and compensation resistors are mounted on a ceramic base for thermal stability.
---
## 3. Electrical Connection & Pinout
The device typically features ribbon cable leads or solder pins. Because it is an uncompensated/unconditioned sensor, it behaves like a **Wheatstone Bridge**.
### Wiring Schematic (Typical)
```text
[ + Excitation ]
|
/-----------/
| Die | <-- Bridge Circuit
/-----------/
| | |
[- Out] [Ref] [+ Out]
|
[ - Excitation ]
```
---
## 4. Application Use-Cases
Due to its 316L Stainless Steel construction, it is compatible with corrosive liquids and gases:
* **Medical Instruments:** Dialysis machines and infusion pumps.
* **Industrial Process Control:** Tank level sensing and pressure transmitters.
* **Water Management:** Pumping systems and flow monitoring.
* **HVAC:** High-end refrigeration and air pressure monitoring.
---
- ⤷
What is the difference between the 'G' (Gage) and 'A' (Absolute) versions of this sensor?
- ⤷ What type of external circuitry is required to convert the 100mV output to a 0-5V signal?
- ⤷ How does the silicone oil filling affect the sensor's response time?