15PA-16-R
AI

The **15PA-16-R** is a specific electronic hardware accessory primarily associated with the **Honeywell Sensing and Productivity Solutions** (MicroSwitch) product line. It is not an active electronic component (like a transistor) but rather a critical mechanical interface component used in switch assemblies.
---
### 1. Component Overview
The 15PA-16-R is a **Replacement Lever/Actuator** for large basic switches. It acts as the physical interface between the mechanical system and the internal switch mechanism.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Honeywell (Sensing and Productivity Solutions) |
| **Product Category** | Switch Accessories / Actuators |
| **Type** | Straight Lever |
| **Compatibility** | BZ, BA, BM, and BE Series Large Basic Switches |
| **Material** | Steel (with corrosion-resistant plating) |
| **RoHS Status** | Compliant |
---
### 2. Physical Design and Function
This part is designed to modify the operating characteristics of a basic microswitch.
* **Lever Style:** It is a straight leaf-style lever.
* **Mechanical Advantage:** By extending the length of the switch trigger, it reduces the amount of force required to actuate the switch (Operating Force) while increasing the travel distance.
* **Adjustment:** These levers are often "field adjustable," meaning they can be formed or bent slightly to meet specific physical clearance requirements in a machine.
---
### 3. Technical Installation
When integrating the 15PA-16-R into an electronic assembly, it is typically mounted using a specific bracket or by snapping into the housing of a compatible switch body.
```text
Assembly Logic:
[External Force] -> [15PA-16-R Lever] -> [Switch Plunger] -> [Internal Contacts]
```
#### Key Switch Series Supported:
1. **BZ Series:** Standard premium large snap-action switches.
2. **BA Series:** High-capacity switches.
3. **BM Series:** Precision switches for high-accuracy applications.
---
### 4. Applications
The 15PA-16-R is commonly found in industrial and commercial environments where heavy-duty switching is required:
* **Limit Switching:** Detecting the end-of-travel for a motorized arm.
* **Safety Interlocks:** Ensuring a door or panel is closed before a machine starts.
* **Conveyor Systems:** Sensing the presence of items passing on a belt.
---
- ⤷
What are the specific torque requirements for mounting the 15PA-16-R?
- ⤷ Can this lever be used with the Honeywell V-7 series switches?
- ⤷ What is the difference between the 15PA-16-R and the 15PA-2 series?