Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 15RS-06-R

  • AI
    ## Overview of the 15RS-06-R Component The **15RS-06-R** is a specific type of electronic hardware, primarily identified as a **Resistor Network** (specifically a SIP—Single In-line Package). These components are designed to simplify circuit boards by integrating multiple resistors into a single package. --- ### 1. Technical Specifications Based on standard nomenclature for the RS series of resistor networks, here are the general technical parameters: | Feature | Specification | | :--- | :--- | | **Type** | Resistor Network (Bussed or Isolated) | | **Package Style** | SIP (Single In-line Package) | | **Number of Pins** | 6 Pins | | **Number of Resistors** | 5 (Bussed) or 3 (Isolated) | | **Resistance Value** | 15 Ohms (based on the "15" prefix) | | **Tolerance** | Usually ±2% or ±5% | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Functional Configuration The "06" in the part number indicates the total number of pins. Depending on the internal layout, this part usually follows one of two common configurations: 1. **Bussed Configuration (Common):** * Pin 1 is a common point. * Pins 2 through 6 each contain a resistor connected to the common pin. * *Application:* Used for pull-up or pull-down resistors in digital circuits. 2. **Isolated Configuration:** * Contains three independent resistors (Pin 1-2, Pin 3-4, Pin 5-6). * *Application:* Used for line termination or current limiting for specific LEDs. --- ### 3. Part Number Breakdown Understanding the code helps in identifying replacements or alternatives: * **15RS**: The series identifier. "15" often refers to the resistance value (15 $\Omega$) or a specific physical height profile. * **06**: Indicates the total pin count (6 leads). * **-R**: Indicates RoHS (Restriction of Hazardous Substances) compliance, meaning the part is lead-free. --- ### 4. Common Applications These parts are widely used in industrial and consumer electronics due to their space-saving nature: * **Digital Logic:** Providing a reference voltage to prevent "floating" inputs on microcontrollers. * **LED Current Limiting:** Driving multiple LEDs with a single component. * **Bus Termination:** Reducing signal reflections in high-speed data lines.
    ✨ Follow-up Questions
    • ⤷ What is the power rating typically associated with the 15RS series?
    • ⤷ How do I distinguish between a bussed and isolated configuration using a multimeter?
    • ⤷ Are there surface-mount (SMD) equivalents for this SIP component?