Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 162J120

  • AI
    The part number **162J120** typically refers to a specific type of high-precision electronic component, most commonly a **Metallized Polypropylene Film Capacitor**. Below is a detailed breakdown of what these alphanumeric codes represent in the electronics industry. --- ## 1. Decoding the Part Number The part number is a combination of the capacitance value, tolerance, and voltage rating. | Segment | Value | Meaning | | :--- | :--- | :--- | | **162** | 1,600 pF | **Capacitance Value**: The first two digits are significant figures, the third is the multiplier ($16 \times 10^2$). | | **J** | ±5% | **Tolerance**: Represents the allowable margin of error in the capacitance value. | | **120** | 1200V | **Voltage Rating**: The maximum DC voltage the capacitor can safely handle. | --- ## 2. Technical Specifications While specifications can vary slightly by manufacturer (such as Cornell Dubilier or Vishay), components with this designation generally share these characteristics: * **Capacitance:** 1.6 nF (nanofarads) or 0.0016 µF (microfarads). * **Dielectric Material:** Polypropylene (PP). This material is chosen for its low dissipation factor and high dielectric strength. * **Construction:** Metallized film, often encapsulated in a flame-retardant plastic case (Epoxy resin). * **Temperature Range:** Typically $-55^\circ\text{C}$ to $+105^\circ\text{C}$. --- ## 3. Common Applications Due to the high voltage rating (1200V) and the stability of polypropylene, these parts are used in: 1. **Snubber Circuits:** To absorb voltage spikes in switching power supplies. 2. **High-Frequency Ballasts:** Used in lighting and induction heating. 3. **Pulse Power:** Applications where the component must handle rapid charging and discharging. 4. **CRT Displays:** (Legacy) Used in the horizontal deflection circuits of monitors and TVs. --- ## 4. Key Advantages * **Self-Healing:** If a dielectric breakdown occurs due to an overvoltage, the metallized layer evaporates around the spot, clearing the short circuit. * **Low Loss:** Polypropylene has very low ESR (Equivalent Series Resistance), meaning it generates less heat during operation. * **High Stability:** The "J" (5%) tolerance ensures the circuit performs consistently across different production units.
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions or lead spacing for a typical 162J120 capacitor?
    • ⤷ Can a 162J120 capacitor be replaced with a 162K120 part?
    • ⤷ Which manufacturers are the primary producers of this specific capacitor series?