AI

Based on your query, **"166311"** most commonly refers to a specific series of surface-mount (SMD) components, typically **tantalum capacitors** or specialized **power inductors** depending on the manufacturer prefix.
However, in the context of high-reliability electronics, it frequently refers to the **KEMET** or **AVX** standard footprints for tantalum capacitors. Below is a detailed breakdown of what this part usually represents in the electronics industry.
---
## 1. Primary Identification: Tantalum Capacitors
In the SMD capacitor world, "166311" is often a shorthand for physical dimensions or a specific SKU part number.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Polarized Tantalum Capacitor |
| **Package Size** | Often 6032 (Metric) or 7343 (Metric) depending on the series |
| **Common Values** | 10µF to 100µF |
| **Voltage Range** | 6.3V to 35V |
| **Key Advantage** | High stability, long life, and high capacitance in a small volume. |
---
## 2. Technical Specifications
If you are looking at a specific datasheet for a component with the base number `166311`, here are the electrical characteristics generally associated with it:
### Physical Characteristics
* **Mounting Type:** Surface Mount (SMD/SMT).
* **Termination:** Lead-free (RoHS compliant) or Tin/Lead (SnPb) for military applications.
* **Case Code:** Often designated as Case C or Case D.
### Electrical Performance
* **Tolerance:** Standard ±10% or ±20%.
* **ESR (Equivalent Series Resistance):** Usually low to mid-range (0.5Ω to 2Ω), making them suitable for power filtering.
* **Temperature Range:** -55°C to +125°C.
---
## 3. Alternative Identity: Connector or Inductor
In some industrial catalogs (like TE Connectivity or Molex), `166311` may refer to a specific housing or pin connector.
### Comparison Table: Capacitor vs. Connector
| Attribute | Tantalum Capacitor | Connector Housing |
| :--- | :--- | :--- |
| **Primary Use** | Energy storage / Filtering | Physical wire-to-board interface |
| **Visual ID** | Small rectangular block (Black/Yellow) | Plastic shell with metal pins |
| **Polarity** | Crucial (Has a stripe) | Keyed for fitment |
---
## 4. Application Use Cases
Components with this designation are typically found in:
1. **Motherboards:** For smoothing power delivery to CPUs.
2. **Telecommunications:** In base stations where long-term reliability is required.
3. **Medical Devices:** Due to the stable "shelf-life" of tantalum compared to aluminum electrolytic capacitors.
---
**Note:** To provide the exact datasheet, please specify the manufacturer (e.g., KEMET, Vishay, or TE Connectivity).
- ⤷What is the manufacturer of the 166311 part you are looking for?
- ⤷ Are you looking for the pinout diagram for a 166311 connector?
- ⤷ Do you need help finding a compatible replacement for a failed 166311 component?