17AC-A56-R
AI

The **17AC-A56-R** is a specific model within the **Honeywell AC Series** of door interlock switches. These components are primarily used in security and industrial applications to ensure that equipment cannot operate unless a door or panel is securely closed.
---
### 1. Key Technical Specifications
The following table outlines the core electronic and mechanical parameters of the 17AC-A56-R:
| Parameter | Specification |
|:---|:---|
| **Switch Type** | Door Interlock / Pushbutton |
| **Circuitry** | SPDT (Single Pole Double Throw) |
| **Current Rating** | 5 Amps |
| **Voltage Rating** | 125 VAC / 250 VAC |
| **Actuator Style** | Rod / Plunger |
| **Termination Style** | Solder Terminals |
| **Mounting Type** | Panel Mount |
---
### 2. Functional Characteristics
The 17AC-A56-R is designed for high reliability in "cheat-resistant" environments. Key features include:
* **Momentary Action:** The switch returns to its original state once the force on the plunger is removed.
* **Dual Functionality:** Because it is SPDT, it can be wired for either "Normally Open" (NO) or "Normally Closed" (NC) configurations, or both to toggle between two circuits.
* **"Pull-to-Override" Feature:** A distinctive trait of the AC series is the manual override. Maintenance personnel can pull the plunger out to keep the circuit active while the door is open for testing purposes.
---
### 3. Internal Components and Construction
The assembly consists of several sub-parts integrated into a single housing:
1. **Basic Switch:** Internally, it utilizes a high-precision snap-action microswitch (often from the Honeywell SM series).
2. **Stainless Steel Bracket:** Provides the structural rigidity needed for panel mounting.
3. **Plunger/Rod:** Made of durable thermoplastic or metal designed to withstand repeated mechanical impacts from heavy doors.
4. **Spring Mechanism:** Ensures the snap-action reset occurs instantly to prevent electrical arcing.
---
### 4. Common Applications
* **Vending Machines:** To cut power when the front panel is opened.
* **Appliances:** Used in microwave doors or dryers.
* **Industrial Enclosures:** Disconnecting high-voltage power to a control cabinet when the door is serviced.
* **Office Equipment:** Integrated into large photocopiers and printers to prevent operation during paper jam removal.
- ⤷
What is the difference between SPDT and DPDT in interlock switches?
- ⤷ How does the 'Pull-to-Override' feature affect circuit safety?
- ⤷ What are the recommended wire gauges for 5 Amp solder terminals?