17AC-AA6-R
AI

The **17AC-AA6-R** is a specific model of a **Miniature Basic Switch** (often referred to as a microswitch) manufactured by **Honeywell** as part of their **AC Series**. These switches are primarily used for door interlock applications and manual power cut-off safety mechanisms.
---
### 1. Key Technical Specifications
The following table outlines the primary electrical and mechanical characteristics of the 17AC-AA6-R:
| Feature | Specification |
| :--- | :--- |
| **Type** | Door Interlock Switch |
| **Actuator Type** | Rod / Pull-to-Cheat (Plunger) |
| **Circuitry** | SPDT (Single Pole Double Throw) |
| **Current Rating** | 15 Amps |
| **Voltage Rating** | 125 VAC / 250 VAC |
| **Termination Style** | Screw Terminals |
| **Mounting** | Panel Mount / Bracket |
| **Housing Material** | Stainless Steel / Die-cast Zinc |
---
### 2. Physical Components & Design
The "electronic" part of this device is electromechanical. It consists of several critical internal components:
* **Plunger Mechanism:** A spring-loaded rod that detects the presence or absence of a door or panel.
* **Snap-Action Contact:** A precision internal mechanism that ensures rapid switching of electrical contacts regardless of the speed at which the plunger is moved.
* **"Pull-to-Cheat" Feature:** This is a safety override. In maintenance mode, a technician can pull the plunger out to keep the circuit closed (energized) even while the door is open, allowing for testing.
* **Screw Terminals:** Heavy-duty connection points designed for secure wiring in industrial environments.
---
### 3. Functional Operation
The 17AC-AA6-R operates on a simple logic transition:
1. **Door Closed:** The plunger is depressed, completing the circuit and allowing the machine to run.
2. **Door Opened:** The plunger is released, snapping the internal contacts to the "Open" position, instantly cutting power to the machinery.
3. **Maintenance Mode:** The plunger is manually pulled outward, bypassing the safety cut-off for diagnostic purposes.
---
### 4. Common Applications
Due to its rugged design and high amperage rating, it is commonly found in:
* **Vending Machines:** To cut power when the front panel is opened.
* **Appliances:** Microwave doors or industrial ovens.
* **Control Cabinets:** Ensuring power is disconnected when an electrical bay is accessed.
* **Office Equipment:** High-speed copiers and printers.
- ⤷
What is the difference between SPDT and DPDT in interlock switches?
- ⤷ How does the 'pull-to-cheat' function work mechanically?
- ⤷ What are the environmental limitations for the AC series switches?