AI

The **17PE-66-R** is a specific model of a **Bipolar Stepper Motor**, typically manufactured by companies like Shinano Kenshi or used in specialized industrial and consumer electronics (such as scanners and printers).
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. Technical Specifications
This motor is part of the "NEMA 17" family, which refers to the faceplate size (1.7 x 1.7 inches).
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | Bipolar Stepper Motor |
| **Step Angle** | 1.8° (200 steps per revolution) |
| **Phase Count** | 2 Phases |
| **Rated Voltage** | 12V - 24V DC (Common operating range) |
| **Current / Phase** | Approx. 0.8A - 1.2A (Model dependent) |
| **Resistance / Phase** | ~5.0 Ohms |
| **Inductance** | ~7.0 mH |
| **Holding Torque** | Approx. 2.5 kg-cm to 3.2 kg-cm |
---
### 2. Physical Characteristics
* **Frame Size:** NEMA 17 (42mm x 42mm).
* **Shaft Diameter:** Usually 5mm, often with a "D-cut" for better gear/pulley grip.
* **Wiring:** Typically features a 4-pin or 6-pin connector (JST-PH or similar).
* **Construction:** Permanent Magnet Hybrid type, combining high torque and precision.
---
### 3. Connection Diagram (Bipolar)
The 17PE-66-R usually operates on a 4-wire configuration. If your unit has 6 pins, the center taps are often left unused for standard bipolar driving.
| Wire Pair | Function |
| :--- | :--- |
| **Pair 1 (A/A-)** | Controls Phase A of the electromagnetic coil |
| **Pair 2 (B/B-)** | Controls Phase B of the electromagnetic coil |
---
### 4. Electronic Control Requirements
To drive this part, you cannot simply apply DC power. You require a **Stepper Motor Driver**.
#### Recommended Drivers:
* **A4988:** Low-cost, standard for 3D printers.
* **DRV8825:** Supports higher micro-stepping (up to 1/32).
* **TMC2209:** Silent operation (StealthChop technology).
```cpp
// Example Arduino Pseudocode for controlling a 17PE-66-R
const int stepPin = 3;
const int dirPin = 4;
void setup() {
pinMode(stepPin, OUTPUT);
pinMode(dirPin, OUTPUT);
}
void loop() {
digitalWrite(dirPin, HIGH); // Set direction
for(int x = 0; x < 200; x++) {
digitalWrite(stepPin, HIGH);
delayMicroseconds(1000);
digitalWrite(stepPin, LOW);
delayMicroseconds(1000);
}
delay(1000);
}
```
---
### 5. Common Applications
* **3D Printers:** Used for X, Y, or Z-axis movement.
* **CNC Machines:** Small-scale milling or laser engraving.
* **Medical Equipment:** Precise fluid pumping or positioning.
* **Scanners:** Paper feed mechanisms.
- ⤷
What is the maximum torque rating for the 17PE-66-R?
- ⤷ How do I identify the wire pairs if the colors are different?
- ⤷ Can this motor be used with a 5V power supply?