17RK-06-R
AI

The part number **17RK-06-R** typically refers to a **High-Density D-Sub Connector** or a specific series of **Rotary Switches/Coded Switches**, depending on the manufacturer (most commonly associated with brands like *Conec* or *Adam Tech* for connectors, or *Copal* for switches).
However, in the context of general electronic components, this nomenclature most frequently identifies a **Right-Angle D-Sub Connector**.
---
### Technical Specifications
Below is a breakdown of the typical specifications for this component category:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | D-Subminiature Connector |
| **Mounting Angle** | Right Angle (90 Degrees) |
| **Number of Positions** | 06 (though 9, 15, 25 are more common; 06 may refer to a specific shell size) |
| **Termination Style** | Through-hole (Solder) |
| **Contact Plating** | Gold (often indicated by "R" for RoHS/Selective Gold) |
| **Hardware** | Riveted Nut / Boardlock |
---
### Key Component Breakdown
#### 1. Housing and Shell
* **Material:** Usually PBT (Polybutylene Terephthalate) reinforced with glass fiber (UL 94V-0 rated).
* **Shielding:** Steel or Brass shell, often Nickel or Tin-plated to prevent EMI (Electromagnetic Interference).
#### 2. Contact Pins
* The "R" suffix often indicates **RoHS Compliance**, meaning the part is lead-free.
* The pins are typically made of a copper alloy for high conductivity and durability during mating cycles.
#### 3. Geometric Orientation
* **Right Angle:** This part is designed to be mounted on a PCB (Printed Circuit Board) where the interface face is perpendicular to the board. This is standard for rear-panel I/O on computers and industrial controllers.
---
### Common Applications
These parts are used extensively in the following fields:
* **Industrial Automation:** Connecting PLCs (Programmable Logic Controllers) to sensors.
* **Telecommunications:** Signal routing in rack-mounted equipment.
* **Computing:** Legacy Serial/VGA interfaces or custom data bus connections.
* **Medical Equipment:** Reliable data transmission between diagnostic modules.
---
### Identification Note
If "17RK-06-R" refers specifically to a **Coded Rotary Switch** (as seen in some niche catalogs):
* **17:** Refers to the series/size (e.g., 7mm or 10mm).
* **RK:** Rotary Knurled or Keyed style.
* **06:** Number of positions or BCD coding.
* **R:** Real Code or RoHS compliant.
- ⤷
Is this part manufactured by a specific brand like Conec or Adam Tech?
- ⤷ Do you need the pinout diagram for a 6-position D-sub?
- ⤷ Are you looking for a direct cross-reference or replacement part?