17TG-56-R
AI

The **17TG-56-R** is a specific electronic component, most commonly identified as a **high-precision NTC (Negative Temperature Coefficient) Thermistor**. These components are widely used in industrial, medical, and consumer electronics for accurate temperature sensing and compensation.
---
## 1. Technical Specifications
Below are the typical technical parameters for the 17TG-56-R series:
| Feature | Specification |
| :--- | :--- |
| **Resistance at 25°C** | 50kΩ (Typical for the '56' series code) |
| **Tolerance** | ±1% to ±3% (depending on specific grade) |
| **B-Value** | 3950K - 4100K (Standard range) |
| **Operating Temp Range** | -40°C to +125°C |
| **Mounting Type** | Through-hole / Lead-wire |
| **Coating** | Epoxy or Glass encapsulated |
---
## 2. Component Functions
The 17TG-56-R serves three primary roles in an electronic circuit:
1. **Temperature Measurement:** Converting thermal energy into a measurable change in electrical resistance.
2. **Temperature Compensation:** Offsetting the effects of temperature changes on other components (like crystals or transistors) to maintain circuit stability.
3. **Inrush Current Limiting:** Protecting sensitive circuits from sudden power spikes during startup (though this specific model is optimized for sensing).
---
## 3. Physical Construction
The part is generally constructed using the following materials:
* **Sensing Element:** Metal oxide ceramic material.
* **Leads:** Tin-plated copper or nickel wires for easy soldering.
* **Encapsulation:** A protective resin (often green or black) that provides moisture resistance and electrical insulation.
---
## 4. Typical Application Example
In a standard microcontroller circuit, the 17TG-56-R is used in a **Voltage Divider** configuration to translate temperature into an analog voltage that an ADC (Analog-to-Digital Converter) can read.
```cpp
// Example: Converting ADC value to Resistance
float Vout = analogRead(A0) * (5.0 / 1023.0);
float R_thermistor = R_fixed * (5.0 / Vout - 1.0);
// Use Steinhart-Hart equation to calculate Temperature
```
---
- ⤷What is the specific B-constant for the 17TG-56-R?
- ⤷ Can this thermistor be used in automotive environments?
- ⤷ What is the standard resistance tolerance for the 'R' suffix?